Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9396 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 35Page - STMicroelectronics L9396 Datasheet HTML 36Page - STMicroelectronics L9396 Datasheet HTML 37Page - STMicroelectronics L9396 Datasheet HTML 38Page - STMicroelectronics L9396 Datasheet HTML 39Page - STMicroelectronics L9396 Datasheet HTML 40Page - STMicroelectronics L9396 Datasheet HTML 41Page - STMicroelectronics L9396 Datasheet HTML 42Page - STMicroelectronics L9396 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
DS12539 Rev 6
39/109
L9396
Pre-drivers
108
PRG pre-drivers remain disabled until the Enable Motor FET Driver SPI bit is re-set over
SPI. The PDG Turn-On/off Fault SPI bits are latched until read.
In case the negative flyback voltage on PDS drops below the open flyback voltage threshold
for longer than the open flyback debounce time after PDG is turned off, the device disables
both the PDG and PRG pre-drivers, sets the Open Flyback Fault SPI bit and clears the
Enable Motor FET Driver SPI bit. The PDG and PRG pre-drivers remain disabled until the
Enable Motor FET Driver SPI bit is re-set over SPI. The Open Flyback Fault SPI bit is
latched until read.
After PDG is turned on, the device monitors the falling differential voltage between PDBATT
and PDS. If the differential voltage does not drop below the QPD turn-on voltage threshold
within the QPD switching time, the device disables the PDG pre-driver and sets the QPD
Turn-On Fault SPI bit. The device automatically re-enables the PDG pre-driver on the next
rising PDI edge. The QPD Turn-On Fault SPI bit is latched until read.
After PDG is turned off, the device monitors the falling PDS voltage. If the voltage does not
drop below the QPD turn-off voltage threshold within the QPD switching time, the device
disables both the PDG and PRG pre-drivers, sets the QPD Turn-Off Fault SPI bit and clears
the Enable Motor FET Driver SPI bit. The PDG and PRG pre-drivers remain disabled until
the Enable Motor FET Driver SPI bit is re-set over SPI. The QPD Turn-Off Fault SPI bit is
latched until read.
After PRG is turned on, the device monitors the rising differential voltage between PRG and
PRS. If the differential voltage does not exceed the PRG turn-on voltage threshold within the
PRG switching time, the device sets the PRG Turn-On Fault SPI bit. The device continues
to drive the current limited PRG pin. The PRG Turn-On Fault SPI bit is latched until read.
After PRG is turned off, the device monitors the falling differential voltage between PRG and
PRS. If the differential voltage does not drop below the PRG turn-off voltage threshold within
the PRG switching time, the device disables both the PDG and PRG pre-drivers, sets the
PRG Turn-Off Fault SPI bit and clears the Enable Motor FET Driver SPI bit. The PDG and
PRG pre-drivers remain disabled until the Enable Motor FET Driver SPI bit is re-set over
SPI. The PRG Turn-On Fault SPI bit is latched until read.
All the OFF diagnostic comparators (PDG_OFF, open flyback, QPD_OFF, PRG_OFF) are
active during the entire OFF state until FETs are switched on. Output of comparators is
masked when Enable Motor FET Driver SPI bit is low while is not masked when Enable bit
is high and FETs are in off state. There is no masking of OFF diagnostic when there is
transition of Enable Motor FET Driver SPI bit from low to high. Masking time is only applied
during the transitions of FETs gate command.
In case of a device ground loss while the motor is enabled, the device disables both external
FETs. These FETs remain disabled until the device returns to the active mode.
If battery level goes below the disable voltage, the pre-driver is turned off after the delay
disable time has elapsed. When the level returns above the disable voltage, the pre-driver
returns to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com