Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9396 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 39Page - STMicroelectronics L9396 Datasheet HTML 40Page - STMicroelectronics L9396 Datasheet HTML 41Page - STMicroelectronics L9396 Datasheet HTML 42Page - STMicroelectronics L9396 Datasheet HTML 43Page - STMicroelectronics L9396 Datasheet HTML 44Page - STMicroelectronics L9396 Datasheet HTML 45Page - STMicroelectronics L9396 Datasheet HTML 46Page - STMicroelectronics L9396 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
DS12539 Rev 6
43/109
L9396
Remote sensor interface
108
5
Remote sensor interface
The device contains 4 remote sensor interfaces, capable of supporting active wheel speed
sensors or operating as an independent 2-channel tracking regulation supply.
The interface supply is internally connected to the VPREREG pin. The circuitry consists of a
power interface delivering a dedicated output voltage on RSUHx pins. This output could be
voltage regulated in case of operation as tracking supply (pins RSUH0 and RSUH1). When
WSS operation is selected, the function mirrors the current flowing in the external sensor
and transmits this current information to the decoder, which produces a digital value for
each sensor channel. RSULx pins are used as ground returns from the sensors and current
sense is carried out in low side.
Data are then output through SPI registers. Received signals can be processed to the
corresponding discrete logic output pin WSO0-WSO3.
5.1
Active wheel speed sensor
The remote sensor interface circuit conditions and interprets active wheel speed sensor
signals with various pulse widths and output currents. The following sensor types are
supported and selected through SPI configuration:
Standard active 2-level wheel speed sensors (7/14 mA);
A three-level (7/14/28 mA) VDA compliant sensor with direction and air gap information
("Requirement Specification for Standardized Interface for Wheel Speed Sensor with
Additional Information", Version 4.0);
PWM encoded 2-level sensors with 2 edges per tooth (see data sheet Infineon IC
TLE4942/BOSCH DF11);
PWM encoded 2-level sensors with 1 edge per tooth (see data sheet Allegro
ATS651LSH/BOSCH DF11).
Received wheel speed frames from all the above sensors are decoded into signals suitable
for the microcontroller through SPI or the four WSOx output pins. For all sensors, other than
the standard active 2- level sensor, additional sensor data (diagnostics, etc…) are decoded
and available within SPI registers. The user may select to have all sensor data processed
on WSOx pins through the microcontroller by selecting pass through mode. In pass through
mode, the remote sensor interface simply conditions the incoming sensor current pulses to
digital pulses, no decoding is performed.
The sensor input filter time, deglitch filter, (delay until a threshold crossing is detected) can
be configured (from 8 µs to 50 µs). Filters can be selected individually for each channel,
through the RS_CFG_x_y registers, bits [9:6].
For PWM encoded sensors with 2 edges per tooth not in pass through mode, the standstill
signal can be processed directly to the WSOx output pins. This is done in the RS_CFG_x_y
registers, bit [4].
Since the decoder has to measure the pulses in order to determine whether they are stand-
still pulses or not, the first standstill pulse will always be seen on the WSOx output pins and
the first not stand-still pulse after a stand-still period will be suppressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com