Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9960TR Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 40Page - STMicroelectronics L9960TR Datasheet HTML 41Page - STMicroelectronics L9960TR Datasheet HTML 42Page - STMicroelectronics L9960TR Datasheet HTML 43Page - STMicroelectronics L9960TR Datasheet HTML 44Page - STMicroelectronics L9960TR Datasheet HTML 45Page - STMicroelectronics L9960TR Datasheet HTML 46Page - STMicroelectronics L9960TR Datasheet HTML 47Page - STMicroelectronics L9960TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
Functional description
L9960, L9960T
44/95
DS11115 Rev 10
The current slew rate control can be disabled and the voltage slew rate can be overwritten
by a faster SR when Tj > OTwarn, ILIM_REG = 1, NOC = 0 or NOSR bit is set.
Note:
(-) available in the D8 bit position in SPI command frame 3.
The NOST configuration is reported by bit "NOSR_echo"
Note:
(-) available in the R9 bit position in SPI answer frame 7a.
Temperature Dependent Slew Rate: When Tj > OTwarn and in case TDSR=1 (TDSR bit
configuration defined below), the current and voltage slew rates are automatically switched
from current configuration mode (SLOW or FAST) to the very fast configuration. In case
TDSR='0' the current SR mode is kept as selected during OTwarn condition.
Note:
(-) available in the D10 bit position in SPI command frame 6.
The TDSR configuration is reported by bit "TDSR_ECHO"
Table 52. NOSR
Bit status
Description
Condition
0
NOSR mode NOT allowed
Reset value
1
NOSR mode allowed
-
Table 53. NOSR_echo
Bit status
Description
Condition
0
Echo NOSR mode NOT allowed
Default value
1
Echo NOSR mode allowed
-
Table 54. TDSR
Bit status
Description
Condition
0
TDSR mode NOT allowed condition
Default value
1
TDSR mode allowed
-
Table 55. TDSR_ECHO
Bit status
Description
Condition
0
TDSR mode NOT allowed condition
Default value
1
TDSR mode allowed
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com