Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9960TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 20Page - STMicroelectronics L9960TR Datasheet HTML 21Page - STMicroelectronics L9960TR Datasheet HTML 22Page - STMicroelectronics L9960TR Datasheet HTML 23Page - STMicroelectronics L9960TR Datasheet HTML 24Page - STMicroelectronics L9960TR Datasheet HTML 25Page - STMicroelectronics L9960TR Datasheet HTML 26Page - STMicroelectronics L9960TR Datasheet HTML 27Page - STMicroelectronics L9960TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
Functional description
L9960, L9960T
24/95
DS11115 Rev 10
Note:
(-) available in position R2 of the SPI answer frame 8a.
Note:
(-) available in position R1 of the SPI answer frame 12b.
In case of VDD5 over-voltage condition, the bridge is kept in disable until the over-voltage
condition is removed (hysteresis as well as TVDD5_ov filtering implemented).
Figure 10. VDD5 over voltage monitoring
This information is filtered, and reported in NGFAIL (Global Failure Bit NGFAIL definition on
page 64).
A counter is available to inform about the overvoltage event length (guaranteed by scan).
The counter starts as soon as VDD5_OV event occurs.
The counter stops for the following conditions:
when its max value was reached,
when the VDD5_OV condition is removed.
The VDD5_OV length information is readable in a latched 3 bits word called VDD5_OV_L.
These 3 bits define the time range of the current counter value, according to the following
table:
Table 19. VDD_OV_REG
Bit status
Description
Condition
0
Latched Vdd < Vdd_ov_th longer than Tvdd_ov
Default Value
1
Latched Vdd > Vdd_ov_th longer than Tvdd_ov
-
Table 20. VDD_OV
Bit status
Description
Condition
0
Vdd < Vdd_ov_th longer than Tvdd_ov
Default value
1
Vdd > Vdd_ov_th longer than Tvdd_ov
-
GAPGPS02316
Vdd _ov_th
Vdd
ON-STATE
DISABLE
BRIDGE
STATE
NDIS
T < Tvdd _ov
VDD_OV
Tvdd _ov
Vdd _ov_hys
ON-STATE
T < Tvdd _ov
T > Thold _ndis
Filter 2.6ms
OV_DIS
VDD_OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com