Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9960TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 19Page - STMicroelectronics L9960TR Datasheet HTML 20Page - STMicroelectronics L9960TR Datasheet HTML 21Page - STMicroelectronics L9960TR Datasheet HTML 22Page - STMicroelectronics L9960TR Datasheet HTML 23Page - STMicroelectronics L9960TR Datasheet HTML 24Page - STMicroelectronics L9960TR Datasheet HTML 25Page - STMicroelectronics L9960TR Datasheet HTML 26Page - STMicroelectronics L9960TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
DS11115 Rev 10
23/95
L9960, L9960T
Functional description
94
Note:
(-) available in position R1 of the SPI answer frame 8a.
Note:
(-) available in position R0 of the SPI answer frame 12b.
Figure 9. VDD5 under voltage monitoring
VDD5 over-voltage protection
Although the VDD5 input pin and all I/O's withstand up to 19 V, an over-voltage circuitry is
implemented to ensure that the bridge is kept in disable condition when VDD5 voltage is
higher than the VDD5 over-voltage threshold (VDD5_ov_th) for duration longer than
"TVDD5_ov”.
This VDD5 over-voltage condition is also feedbacked directly to NDIS pin, by pulling NDIS
to LOW after the filter time “TVDD5_ov ”.
The NDIS pin is released when VDD5 voltage decreases below the "VDD5_ov_th"
threshold and wait hysteresis as well as TVDD5_ov filtering implemented + Thold_ndis
filter time are expired.
The information is readable via 2 diagnostics bits called VDD5_OV_REG (latched) and
VDD_OV (unlatched).
Table 17. VDD_UV_REG
Bit status
Description
Condition
0
Latched Vdd > Vdd_uv longer than Tvdd_uv1
Default Value
1
Latched Vdd < Vdd_uv longer than Tvdd_uv1
-
Table 18. VDD_UV
Bit status
Description
Condition
0
Vdd > Vdd_uv longer than Tvdd_uv1
Default Value
1
Vdd < Vdd_uv longer than Tvdd_uv1
-
Tvdd _uv 1
T < T vdd_uv1
Vdd _uv _th
Vdd
VDD_UV
ON-STATE
ON-STATE
DISABLE
BRIDGE
STATE
Vdd _uv _hys
NDIS
Tvdd _uv 2
Tvdd _uv 1
T > Thold _ndis
VDD_UV
UV_DIS
filter 2.6ms
delay 500ms
UV_DIS_filtered
GAPGPS02315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com