Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9960TR Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 75Page - STMicroelectronics L9960TR Datasheet HTML 76Page - STMicroelectronics L9960TR Datasheet HTML 77Page - STMicroelectronics L9960TR Datasheet HTML 78Page - STMicroelectronics L9960TR Datasheet HTML 79Page - STMicroelectronics L9960TR Datasheet HTML 80Page - STMicroelectronics L9960TR Datasheet HTML 81Page - STMicroelectronics L9960TR Datasheet HTML 82Page - STMicroelectronics L9960TR Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
DS11115 Rev 10
79/95
L9960, L9960T
Functional description
94
4.9.6
SPI communication mode (Parallel and Daisy chain mode)
The SPI communication between one master and multiple slaves can be operated in
parallel or in daisy chain.
Parallel operation: several SPI-slaves can be connected to one SPI channel. The
communication lines SDI, SDO and CLK are shared, and every slave has its own chip select
line (NCS).
Daisy chain operation: several L9960 can be connected to one SPI connection in daisy
chain operation to save µC interface pins. The number of devices connected in daisy chain
is unlimited.
Figure 37. Daisy chain operation example
Software constraint: daisy chain is only possibly for ASICs using the same SPI protocol.
single chain
Two devices in one daisy chain
Three devices in one daisy chain
shift register
SDI
μC
SCLK NCS1 NCS2 NCS3
IC C
IC B
IC A
NCS1
SCLK
NCS1 SCLK
NCS1 SCLK
NCS1 : low for 48 clocks SCLK
writes into IC A- -C
reads from IC A- - C
IC D
NCS2 SCLK
NCS2: low for 32 clocks SCLK
writes into IC D - E
reads from IC D - E
IC E
NCS2 SCLK
NCS3: low for 16 clocks CLK
writes into IC F
reads from IC F
SDO
IC F
NCS3 SCLK
SDI
SDO
SDI
SDI
SDO
SDO
SDO
SDI
SDI
SDO
SDI
SDO
shift register
shift register
shift register
shift register
shift register
shift register
GAPGPS02367



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com