Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177ATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 9Page - STMicroelectronics L9177ATR Datasheet HTML 10Page - STMicroelectronics L9177ATR Datasheet HTML 11Page - STMicroelectronics L9177ATR Datasheet HTML 12Page - STMicroelectronics L9177ATR Datasheet HTML 13Page - STMicroelectronics L9177ATR Datasheet HTML 14Page - STMicroelectronics L9177ATR Datasheet HTML 15Page - STMicroelectronics L9177ATR Datasheet HTML 16Page - STMicroelectronics L9177ATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
2.5.7
5 V tracking voltage regulator
Table 12. VDD_TRK output electrical characteristics
Symbol
Parameter
Condition
Min Typ
Max
Unit
DVddtrk
Output voltage tracking error
VB = 6 V,
Itrk= 1 to 40 mA
-15
-
15
mV
Vshort
Tracking output short circuit voltage range
-
-2
-
V B
V
Itrk_max
Output current limitation
Output short to 4 V
50
-
100
mA
Itrk_sb
Tracking output reverse current (limited by the regulator)
Output shorted to VB = 16 V
-
-
10
mA
Idd
Load current
-
1
-
40
mA
Ln_vdd_trk
Line regulation
V B= 6 V to 18 V - Iload= 40 mA
-15
-
15
mV
Ld_vdd_trk
Load regulation
V B= 13 V Iload = 1 to 40 mA
-15
-
15
mV
PSRR
Power supply rejection ratio
Sin wave @ 1 kHz 1 Vpp
VB = 13 V, Iload = 1 to 40 mA
40
-
-
dB
Figure 7. 5 V tracking regulator block diagram
5V_internal
GADG0412171138PS
2.5.8
Standby regulator
Table 13. VDD_SB output electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vddsb
Output voltage
-
4.75
5
5.25
V
Ln_vsb
Line regulation
VB = 6 V to 18 V
Iload = 1 mA
-25
-
25
mV
Ld_vsb
Load regulation
VB = 13 V
Iload= 0.1 mA to 2.5 mA
-25
-
25
mV
Vdd_OS
Max overshoot
-
-
-
5.5
V
Idd
Load current
-
0.1
-
2.5
mA
L9177A
Electrical characteristics
DS12175 - Rev 5
page 13/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com