Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 11Page - STMicroelectronics L9177ATR Datasheet HTML 12Page - STMicroelectronics L9177ATR Datasheet HTML 13Page - STMicroelectronics L9177ATR Datasheet HTML 14Page - STMicroelectronics L9177ATR Datasheet HTML 15Page - STMicroelectronics L9177ATR Datasheet HTML 16Page - STMicroelectronics L9177ATR Datasheet HTML 17Page - STMicroelectronics L9177ATR Datasheet HTML 18Page - STMicroelectronics L9177ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
Figure 9. High-side driver block diagram
GAPGPS00593
The High side switch is intended as a protected battery and is directly controlled by key input (see Figure 21).
2.5.10
Injector driver
Table 15. Injector driver electrical characteristic
Symbol
Parameter
Condition
Min
Typ
Max
Unit
I max
Output current
-
-
-
2.2
A
I_oc
Overcurrent threshold
-
2.8
-
5
A
VDS
Output clamping voltage
I = 2.2 A
55
-
65
V
Ron
On resistance
I = 2.2 A
-
-
0.6
Ω
Ilk_off
Leakage current
Vout= 18 V, Key = 0 V
-
-
10
µA
Ilk_on
Pull-Down diagnosis current
V out= 18 V, Key = 5 V
-
-
100
µA
ton-off
Turn on-off delay
from CMD edge to 50% output variation
-
-
6
µs
VOL
Open load output voltage
Driver in OFF condition
0.46*VDD
0.5*VDD
0.54*VDD
V
Vdiagth_H (1) Diagnostic high threshold
Driver in OFF condition
0.54*VDD
0.6*VDD
0.66*VDD
V
V diagth_L (1) Diagnostic low threshold
Driver in OFF condition
0.36*VDD
0.4*VDD
0.44*VDD
V
Tmask
OFF diagnostic masking time
Guaranteed by scan
0.75
1
1.25
ms
Tdcg_noise OFF diagnostic Deglitch filter time
Guaranteed by scan
2.16
3.6
5.04
µs
Tdcg
ON diagnostic Deglitch filter time
Guaranteed by scan
15
20
25
µs
1. Vdiagth_L < Vout < Vdiagth_H → Open Load; Vout< Vdiagth_L → Short to GND
L9177A
Electrical characteristics
DS12175 - Rev 5
page 15/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com