Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177ATR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 10Page - STMicroelectronics L9177ATR Datasheet HTML 11Page - STMicroelectronics L9177ATR Datasheet HTML 12Page - STMicroelectronics L9177ATR Datasheet HTML 13Page - STMicroelectronics L9177ATR Datasheet HTML 14Page - STMicroelectronics L9177ATR Datasheet HTML 15Page - STMicroelectronics L9177ATR Datasheet HTML 16Page - STMicroelectronics L9177ATR Datasheet HTML 17Page - STMicroelectronics L9177ATR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Isb_max
Current limitation
Output short to 4 V
5
-
50
mA
Vsb_SR
Voltage slew-rate at power on
Cload = 1 µF
2
-
30
V/ms
PSRR
Power supply rejection ratio
Sin wave @ 1 kHz 1 Vpp
VB = 13 V
Iload = 0.1 to 1 mA
40
-
-
dB
Figure 8. 5 V standby regulator block diagram
GAPGPS00592
1µF
2.5.9
High side switch
Table 14. HS_OUT output electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ron_hs
Ron
Ihs = 50 mA
-
-
14
Ω
Ihs_max
Current limitation
VB = 13.5 V
100
-
400
mA
L9177A
Electrical characteristics
DS12175 - Rev 5
page 14/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com