Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9177ATR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 17Page - STMicroelectronics L9177ATR Datasheet HTML 18Page - STMicroelectronics L9177ATR Datasheet HTML 19Page - STMicroelectronics L9177ATR Datasheet HTML 20Page - STMicroelectronics L9177ATR Datasheet HTML 21Page - STMicroelectronics L9177ATR Datasheet HTML 22Page - STMicroelectronics L9177ATR Datasheet HTML 23Page - STMicroelectronics L9177ATR Datasheet HTML 24Page - STMicroelectronics L9177ATR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
2.5.16
Variable reluctance sensor interface
Table 21. Variable reluctance sensor interface electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VHTH
Input high to low differential threshold
voltage at VRIN+ and VRIN- nodes
-
-50
-
50
mV
VCM
Common mode operating range at
VRIN+ and VRIN-
-
0
1.5
3
V
Vcm_internal Internal common mode voltage
Switch off hysteresis current
0.27*VDD 0.3*VDD 0.33*VDD
V
Vdiagth_H (1) Diagnostic high threshold
Diagnostic voltage referred to VRIN- (see
Figure 14)
0.67*VDD 0.75*VDD 0.82*VDD
V
Vdiagth_L (1) Diagnostic low threshold
0.18*VDD 0.2*VDD 0.22*VDD
V
Idiag
Diagnostic current
Current from VRIN- when diagnostic on
35
50
65
µA
Rinternal_
common
Internal common mode resistor
Switch off hysteresis current
50
200
350
kΩ
IIB
Input bias current
VRIN+ = VRIN- = 1.5 V
-
-
2
µA
Ileak
Output leakage
VROUT = 5 V
-
-
1
µA
VCLPH
Input high clamping voltage
VRIN+ = |VRIN-| = 20 mA
-
5
-
V
VCLPL
Input low clamping voltage
VRIN+ = |VRIN-| = |20 mA|
-1.5
-
-0.3
V
tof
Output fall time
CLOAD= 20 pF, RLOAD = 5 kΩ
-
-
300
ns
tof_1nf
Output fall time
CLOAD= 1nF
-
-
1.5
µs
VOUTL
Output buffer low voltage
Isink= 2 mA
-
-
0.6
V
IOUTL
Output current capability
Vout= 0.6 V
2
-
-
mA
tprop
Propagation delay
VRS INM = 0.5 V, INP applied to 1 V to make
VRS OUT commuted
0.1
0.45
0.8
µs
Tdgc_VRS OFF Diagnostic Deglitch filter time
Guaranteed by scan
24
30
36
µs
1. if (VRIN- > Vdiagth_H) or (VRIN- < Vdiagth_L) then Fault is detected.
L9177A
Electrical characteristics
DS12175 - Rev 5
page 21/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com