Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22653 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP22653
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22653 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP22653 Datasheet HTML 1Page - Diodes Incorporated AP22653 Datasheet HTML 2Page - Diodes Incorporated AP22653 Datasheet HTML 3Page - Diodes Incorporated AP22653 Datasheet HTML 4Page - Diodes Incorporated AP22653 Datasheet HTML 5Page - Diodes Incorporated AP22653 Datasheet HTML 6Page - Diodes Incorporated AP22653 Datasheet HTML 7Page - Diodes Incorporated AP22653 Datasheet HTML 8Page - Diodes Incorporated AP22653 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
5 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Electrical Characteristics (@ TA = +25°C, VIN = 3.0V to 5.5V, VEN = 0V or VEN = VIN, RFAULT = 10kΩ, unless otherwise specified.)
Symbol
Parameter
Test Conditions (Note 8)
Min
Typ
Max
Unit
Supply
VUVLO
Input UVLO
VIN Rising
—
2.65
2.95
V
∆
VUVLO
Input UVLO Hysteresis
VIN Decreasing
—
65
—
mV
ISHDN
Input Shutdown Current
VIN = 5.5V, Disabled, OUT = Open
—
0.1
1
µA
IQ
Input Quiescent Current
VIN = 5.5V, Enabled, OUT = Open, RLIM = 20kΩ
—
140
160
µA
VIN = 5.5V, Enabled, OUT = Open, RLIM = 210kΩ
—
120
140
µA
IREV
Reverse Leakage Current
Disabled, VIN = 0V, VOUT = 5.5V, IREV at VIN
—
0.01
1
µA
Power Switch
RDS(ON)
Switch On-Resistance
SOT26 (Type A1) Package
TJ = +25°C, VIN = 5.0V
—
65
90
mΩ
-40°C ≤ TA ≤ +85°C
—
—
135
W-DFN2020-6 (Type A1)
Package
TJ = +25°C, VIN = 5.0V
—
65
90
-40°C ≤ TA ≤ +85°C
—
—
135
tR
Output Turn-On Rise Time
VIN = 5.5V, CL = 1µF, RLOAD = 100Ω. See Figure 1
—
0.5
1.5
ms
VIN = 3.0V, CL = 1µF, RLOAD = 100Ω
—
0.3
1
ms
tF
Output Turn-Off Fall Time
VIN = 5.5V, CL = 1µF, RLOAD = 100Ω. See Figure 1
0.1
—
0.5
ms
VIN = 3.0V, CL = 1µF, RLOAD = 100Ω
0.1
—
0.5
ms
Current Limit
ILIMIT
Current-Limit Threshold
(Maximum DC Output Current),
VIN = 5V, VOUT = 4.5V
RLIM = 10kΩ
TA
= +25°C
2478
2665
2852
mA
-40°C ≤ TA ≤ +85°C
2398
2665
2931
RLIM = 15kΩ
TA
= +25°C
1614
1735
1856
-40°C ≤ TA ≤ +85°C
1561
1735
1908
RLIM = 20kΩ
TA
= +25°C
1196
1286
1376
-40°C ≤ TA ≤ +85°C
1157
1286
1414
RLIM = 49.9kΩ
TA
= +25°C
456
490
524
-40°C ≤ TA ≤ +85°C
441
490
539
RLIM = 210kΩ
TA
= +25°C
95
125
155
RLIM Shorted to GND
40
80
120
ISHORT
Short-Circuit Current Limit, OUT
Connected to GND
RLIM = 10kΩ, TA
= +25°C
—
700
—
mA
RLIM = 15kΩ, TA
= +25°C
—
470
—
RLIM = 20kΩ, TA
= +25°C
—
350
—
RLIM = 49.9kΩ, TA
= +25°C
—
140
—
RLIM = 210kΩ, TA
= +25°C
—
35
—
RLIM Shorted to GND, TA
= +25°C
—
80
—
Enable Pin
ILEAK-EN
EN Input Leakage Current
VIN = 5V, VEN = 0V and 5.5V
-2
—
2
µA
tON
Turn-On Time
CL = 1µF, RL = 100Ω. See Figure 1
—
—
4
ms
tOFF
Turn-Off Time
CL = 1µF, RL = 100Ω. See Figure 1
—
—
1
ms
Output Discharge
RDIS
Discharge Resistance (Note 9)
VIN = 5V, Disabled, IOUT = 1mA
—
600
—
Ω
Notes:
8. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
9. The discharge function is active when the device is disabled (when enable is de-asserted or during power-up power-down when VIN < VUVLO).
The discharge function offers a resistive discharge path for the external storage capacitor for limited time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com