Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22653 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP22653
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22653 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP22653 Datasheet HTML 8Page - Diodes Incorporated AP22653 Datasheet HTML 9Page - Diodes Incorporated AP22653 Datasheet HTML 10Page - Diodes Incorporated AP22653 Datasheet HTML 11Page - Diodes Incorporated AP22653 Datasheet HTML 12Page - Diodes Incorporated AP22653 Datasheet HTML 13Page - Diodes Incorporated AP22653 Datasheet HTML 14Page - Diodes Incorporated AP22653 Datasheet HTML 15Page - Diodes Incorporated AP22653 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
12 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Ordering Information
AP2265 X X X - X
Packing
Package
Enable
Latch-Off
Blank : Non Latch-off
7 : Tape & Reel
W6 : SOT26 (Type A1)
2 : Active Low
3 : Active High
A : Latch-off
FDZ : W-DFN2020-6
(Type A1)
Type
Part Number
Enable
Active
Output
Fault
Condition
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number
Suffix
Consumer
Grade
AP22652W6-7
Low
Output
Current
Limits
W6
SOT26
(Type A1)
3000/Tape & Reel
-7
AP22652FDZ-7
FDZ
W-DFN2020-6
(Type A1)
3000/Tape & Reel
-7
AP22653W6-7
High
W6
SOT26
(Type A1)
3000/Tape & Reel
-7
AP22653FDZ-7
FDZ
W-DFN2020-6
(Type A1)
3000/Tape & Reel
-7
AP22652AW6-7
Low
Output
Latches Off
W6
SOT26
(Type A1)
3000/Tape & Reel
-7
AP22652AFDZ-7
FDZ
W-DFN2020-6
(Type A1)
3000/Tape & Reel
-7
AP22653AW6-7
High
W6
SOT26
(Type A1)
3000/Tape & Reel
-7
AP22653AFDZ-7
FDZ
W-DFN2020-6
(Type A1)
3000/Tape & Reel
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com