Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22653 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP22653
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22653 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP22653 Datasheet HTML 5Page - Diodes Incorporated AP22653 Datasheet HTML 6Page - Diodes Incorporated AP22653 Datasheet HTML 7Page - Diodes Incorporated AP22653 Datasheet HTML 8Page - Diodes Incorporated AP22653 Datasheet HTML 9Page - Diodes Incorporated AP22653 Datasheet HTML 10Page - Diodes Incorporated AP22653 Datasheet HTML 11Page - Diodes Incorporated AP22653 Datasheet HTML 12Page - Diodes Incorporated AP22653 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
9 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Application Information
The AP22652/52A and AP22653/53A are integrated high-side power switches optimized for Universal Serial Bus (USB) that require protection
functions. The power switches are equipped with a driver that controls the gate voltage and incorporates slew-rate limitation. This, along with the
various protection features and special functions, makes these power switches ideal for hot-swap or hot-plug applications.
Protection Features
Undervoltage Lockout (UVLO)
Whenever the input voltage falls below UVLO threshold (~2.5V), the power switch is turned off. This facilitates the design of hot-insertion systems
where it is not possible to turn off the power switch before input power is removed.
Overcurrent and Short-Circuit Protection
An internal sensing FET is employed to check for overcurrent conditions. Unlike current-sense resistors, sense FETs do not increase the series
resistance of the current path. When an overcurrent condition is detected, AP22652 and AP22653 maintain a constant output current and reduce
the output voltage accordingly. Complete shutdown occurs only if the fault stays long enough to activate thermal limiting.
For AP22652A/53A, when an overcurrent condition is detected, the devices will limit the current until the overload condition is removed or the
internal deglitch time (6ms typical) is reached, and AP22652A/53A will be turned off. AP22652A/53A will remain latched off until power is cycled or
the device enable is toggled.
The different overload conditions and the corresponding response of the AP22652/52A and AP22653/53A are outlined below:
NO.
Conditions
Explanation
Behavior of the AP22652 and AP22653
1
Short-circuit condition at
start-up
Output is shorted before input
voltage is applied or before the
part is enabled.
The IC senses the short circuit and immediately clamps output
current to a certain safe level namely ISHORT.
2
Short-circuit or overcurrent
condition
Short-Circuit or Overload
condition that occurs when the
part is enabled.
•
At the instance the overload occurs, higher current may flow
for a very short period of time before the current limit function
can react.
•
After the current limit function has tripped (reached the over-
current trip threshold), the device switches into current limiting
mode and the current is clamped at ISHORT/ILIMIT.
3
Gradual increase from
nominal operating current to
ILIMIT
Load increases gradually until the
current-limit threshold. (ITRIG)
The current rises until ILIMIT or thermal limit. Once the threshold
has been reached, the device switches into its current limiting
mode and is set at ILIMIT.
NO.
Conditions
Explanation
Behavior of the AP22652A/53A
1
Short-circuit condition at
start-up
Output is shorted before input
voltage is applied or before the
part is enabled
The IC senses the short circuit and immediately clamps output
current to a certain safe level namely ISHORT. When the internal
deglitch time (6ms typical) is reached and the devices will be
turned off.
2
Short-circuit or overcurrent
condition
Short-Circuit or Overload
condition that occurs when the
part is enabled.
•
At the instance the overload occurs, higher current may flow
for a very short period of time before the current limit function
can react.
•
After the current limit function has tripped (reached the over-
current trip threshold), the device switches into current limiting
mode and the current is clamped at ISHORT/ILIMIT. When the
internal deglitch time (6ms typical) is reached and the devices
will be turned off.
3
Gradual increase from
nominal operating current to
ILIMIT
Load increases gradually until the
current-limit threshold.(ITRIG)
The current rises until ILIMIT or thermal limit. Once the threshold
has been reached, the device switches into its current limiting
mode and is set at ILIMIT. When the internal deglitch time (6ms
typical) is reached and the devices will be turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com