Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22653 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP22653
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22653 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP22653 Datasheet HTML 6Page - Diodes Incorporated AP22653 Datasheet HTML 7Page - Diodes Incorporated AP22653 Datasheet HTML 8Page - Diodes Incorporated AP22653 Datasheet HTML 9Page - Diodes Incorporated AP22653 Datasheet HTML 10Page - Diodes Incorporated AP22653 Datasheet HTML 11Page - Diodes Incorporated AP22653 Datasheet HTML 12Page - Diodes Incorporated AP22653 Datasheet HTML 13Page - Diodes Incorporated AP22653 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
10 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Application Information (continued)
Current-Limit Threshold Programming
The current-limit threshold can be programmed using an external resistor. The current-limit threshold is proportional to the current sourced out of
ILIM.
The recommended 1% resistor range for RLIM is 10kΩ ≤ RLIM ≤ 210kΩ. Figure 14 includes current-limit tolerance due to variations caused by
temperature and process. This graph does not include the external resistor tolerance. The traces routing the RLIM resistor to the AP22652/52A
and AP22653/53A should be as short as possible to reduce parasitic effects on the current-limit accuracy.
To design below a maximum current-limit threshold, find the intersection of RLIM and the maximum desired load current on the IOS(max) (ILIM) curve
and choose a value of RLIM above this value. Programming the current limit below a maximum threshold is important to avoid current limiting
upstream power supplies causing the input voltage bus to drop. The resulting minimum current-limit threshold is the intersection of the selected
value of RLIM and the IOS(min) (ILIM) curve.
Best-Fit Current-Limit Threshold Equations (ILIMIT):
ILIMIT_Min[mA] = 28955/R[kΩ]1.075
ILIMIT_Typ[mA] = 30321/R[kΩ]1.055
ILIMIT_Max[mA] = 31033/R[kΩ]1.031
Figure 14. Current-Limit Threshold vs. RLIM
Thermal Protection
Thermal protection prevents the IC from damage when the die temperature exceeds safe margins. This mainly occurs when heavy-overload or
short-circuit faults are present for extended periods of time. The AP22652/52A and AP22653/53A implement a thermal sensing to monitor the
operating junction temperature of the power distribution switch. Once the die temperature rises to approximately +145°C, the thermal protection
feature activates as follows: The internal thermal sense circuitry turns the power switch off and the FAULT output is asserted, thus preventing the
power switch from damage. Hysteresis in the thermal sense circuit allows the device to cool down by approximately +40°C before the output is
turned back on. This built-in thermal hysteresis feature is an excellent feature, as it avoids undesirable oscillations of the thermal protection circuit.
Reverse-Current and Reverse-Voltage Protection
The USB specification does not allow an output device to source current back into the USB port. In a normal MOSFET switch, current will flow in
reverse direction (from the output side to the input side) when the output side voltage is higher than the input side. A reverse-current limit (ROCP)
feature is implemented in the AP22652/52A and AP22653/53A to limit such back currents. The ROCP circuit is activated when the output voltage
is higher than the input voltage. After the reverse current circuit has tripped (reached the reverse current trip threshold), the current is clamped at
this IROCP level.
In addition to ROCP, reverse overvoltage protection (ROVP) is also implemented. The ROVP circuit is activated by the reverse voltage
comparator trip point; i.e., the difference between the output voltage and the input voltage.
For AP22652/53, once ROVP is activated, FAULT assertion occurs at a de-glitch time of 6ms. Recovery from ROVP is automatic when the fault is
removed. FAULT de-assertion de-glitch time is same as the de-assertion time.
For AP22652A/53A, once ROVP is activated and when the condition exists for more than 5ms (typ), output device is disabled and shut down. This
is called the "Time from Reverse-Voltage Condition to MOSFET Turn Off". FAULT assertion occurs at a de-glitch time of 6ms after ROVP is
reached. Recovery from this fault is achieved by recycling power or toggling EN. FAULT de-assertion de-glitch time is same as the de-assertion
time.
RLIM Current-Limit Programming Resistor (kΩ)
VIN=5V
ILIM(typ)
ILIM(max)
ILIM(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com