Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR14 Datasheet(PDF) 21 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 17Page - STMicroelectronics CR14 Datasheet HTML 18Page - STMicroelectronics CR14 Datasheet HTML 19Page - STMicroelectronics CR14 Datasheet HTML 20Page - STMicroelectronics CR14 Datasheet HTML 21Page - STMicroelectronics CR14 Datasheet HTML 22Page - STMicroelectronics CR14 Datasheet HTML 23Page - STMicroelectronics CR14 Datasheet HTML 24Page - STMicroelectronics CR14 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
CR14
4 CR14 I²C protocol description
21/46
4.7
CR14 I²C Read Operations
To send a Read command, the bus master sends a START condition, followed by a Device
Select Code and the R/W bit set to ’1’.
The CR14 that corresponds to the Device Select Code acknowledges and outputs the first data
Byte of the addressed register.
To select a specific register, a dummy Write command must first be issued, giving an address
Byte but no data Bytes, as shown in the bottom half of Figure 9. This causes the new address
to be stored in the internal address pointer, for use by the Read command that immediately
follows the dummy Write command.
In the I²C Read mode, the CR14 may read one or more data Bytes depending on the selected
register. The bus master has to generate an ACK after each data Byte to read all the register
data in a continuous stream. Only the last data Byte should not be followed by an ACK. The
master then terminates the transfer with a STOP condition, as shown in Figure 9.
After reading each Byte, the CR14 waits for the master to send an ACK during the 9th bit time.
If the master does not return an ACK within this time, the CR14 terminates the data transfer
and switches to stand-by mode.
Figure 9.
CR14 I²C Read Modes Sequences
CR14 READ
DEV SEL
DATA 1
DATA 2
DATA 3
AI12064
DATA N
ACK
ACK
ACK
R/W
ACK
NoACK
BUS Master
BUS Slave
ACK
DATA 4
CR14 READ
DEV SEL
ADDRESS
ACK
BUS Master
BUS Slave
R/W
ACK
DEV SEL
DATA 1
DATA N
ACK
ACK
R/W
ACK
NoACK
DATA 2
I²C CURRENT ADDRESS READ
I²C RANDOM ADDRESS READ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com