Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR14 Datasheet(PDF) 22 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 18Page - STMicroelectronics CR14 Datasheet HTML 19Page - STMicroelectronics CR14 Datasheet HTML 20Page - STMicroelectronics CR14 Datasheet HTML 21Page - STMicroelectronics CR14 Datasheet HTML 22Page - STMicroelectronics CR14 Datasheet HTML 23Page - STMicroelectronics CR14 Datasheet HTML 24Page - STMicroelectronics CR14 Datasheet HTML 25Page - STMicroelectronics CR14 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
5 Applying the I²C protocol to the CR14 registers
CR14
22/46
5
Applying the I²C protocol to the CR14 registers
5.1
I²C Parameter Register Protocol
Figure 10 shows how new data is written to the Parameter Register. The new value becomes
active after the I²C STOP condition.
Figure 11 shows how to read the Parameter Register contents. The CR14 sends and re-sends
the Parameter Register contents until it receives a NoACK from the I²C Host.
The CR14 supports the I²C Current Address and Random Address Read modes. The Current
Address Read mode can be used if the previous command was issued to the register where the
Read is to take place.
Figure 10. Host-to-CR14 Transfer: I²C Write to Parameter Register
Figure 11. CR14-to-Host Transfer: I²C Random Address Read from Parameter Register
Figure 12. CR14-to-Host Transfer: I²C Current Address Read from Parameter Register
S
T
A
R
T
1010 X X X
00h
data
S
T
O
P
ACK
ACK
ACK
Register Byte
Value
Parameter Register
Address
Device Select
Code
Bus Master
CR14 Write
Bus Slave
ai12038
R/W
S
T
A
R
T
1010 X X X
00h
data
S
T
O
P
ACK
ACK
ACK
Register Byte
Value
Parameter Register
Address
Device Select
Code
Bus Master
CR14 Read
Bus Slave
ai12039
R
E
S
T
A
R
T
1010 X X X
R/W
Device Select
Code
R/W
NoACK
data
S
T
O
P
ACK
Register Byte
Value
Bus Master
CR14 Read
Bus Slave
ai12040
S
T
A
R
T
1010 X X X
Device Select
Code
R/W
NoACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com