Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR14 Datasheet(PDF) 28 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 24Page - STMicroelectronics CR14 Datasheet HTML 25Page - STMicroelectronics CR14 Datasheet HTML 26Page - STMicroelectronics CR14 Datasheet HTML 27Page - STMicroelectronics CR14 Datasheet HTML 28Page - STMicroelectronics CR14 Datasheet HTML 29Page - STMicroelectronics CR14 Datasheet HTML 30Page - STMicroelectronics CR14 Datasheet HTML 31Page - STMicroelectronics CR14 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
6 CR14 ISO14443 type-B Radio Frequency data transfer
CR14
28/46
6.4
Request End Of Frame
The End Of Frame (EOF) shown in Figure 22 consists of:
●
a falling edge,
●
followed by ten Elementary Time Units (ETU) containing each a logical ‘0’,
●
followed by a single rising edge.
Figure 22. Request End Of Frame
6.5
Input RF Data Transfer from the PICC to the CR14 (Answer
Frame)
The CR14 uses the ISO14443 type-B retro-modulation scheme which is demodulated and
decoded by the RFIN circuitry.
The modulation is obtained by modifying the PICC current consumption (load modulation). This
load modulation induces an H-field variation, by coupling, that is detected by the CR14 RFIN
input as a voltage variation on the antenna. The RFIN input demodulates this variation and
decodes the information received from the PICC.
Data must be transmitted using a 847kHz, BPSK modulated sub-carrier frequency, fS, as
shown in Figure 23, and as specified in ISO14443 type-B. In BPSK, all data state transitions
(from ‘0’ to ‘1’ or from ‘1’ to ‘0’) are encoded by phase shift keying the sub-carrier.
Figure 23. Wave Received using BPSK Sub-carrier Modulation
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
ETU
0000000000
ai09252
VDYN
VRFIN
t
VOFFSET
1/106kHz
1/847kHz
phase shift
VRET
Load modulation effect on
the H-Field received on the
CR14 RFIN input pad
PICC data bit to be transmitted
to the CR14.
847kHz BPSK, resulting signal
generated by the PICC for the
load modulation.
ai12051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com