Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR14 Datasheet(PDF) 30 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 26Page - STMicroelectronics CR14 Datasheet HTML 27Page - STMicroelectronics CR14 Datasheet HTML 28Page - STMicroelectronics CR14 Datasheet HTML 29Page - STMicroelectronics CR14 Datasheet HTML 30Page - STMicroelectronics CR14 Datasheet HTML 31Page - STMicroelectronics CR14 Datasheet HTML 32Page - STMicroelectronics CR14 Datasheet HTML 33Page - STMicroelectronics CR14 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
6 CR14 ISO14443 type-B Radio Frequency data transfer
CR14
30/46
6.9
Transmission Frame
The Request Frame transmission must be followed by a minimum delay, t0 (see Table 13), in
which no ASK or BPSK modulation occurs, before the Answer Frame can be transmitted. t0 is
the minimum time required by the CR14 to switch from transmission mode to reception mode,
and should be inserted after each frame. After t0, the 13.56MHz carrier frequency is modulated
by the PICC at 847kHz for a minimum time of t1 (see Table 13) to allow the CR14 to
synchronize. After t1, the first phase transition generated by the PICC represents the start bit
(‘0’) of the Answer SOF (or the start bit ‘0’ of the first data character in non SOF/EOF mode).
Figure 26. Example of a Complete Transmission Frame
6.10
CRC
The 16-bit CRC used by the CR14 follows the ISO14443 type B recommendation. For further
information, please see Appendix A on page 44.
The two CRC Bytes are present in all Request and Answer Frames, just before the EOF. The
CRC is calculated on all the Bytes between the SOF and the CRC Bytes.
Upon transmission of a Request from the CR14, the PICC verifies that the CRC value is valid. If
it is invalid, it discards the frame and does not answer the CR14.
Upon reception of an Answer from the PICC, the CR14 verifies that the CRC value is valid. If it
is invalid, it stores the value FFh in the Input/Output Frame Register.
The CRC is transmitted Least Significant Byte first. Each Byte is transmitted Least Significant
Bit first.
Figure 27. CRC Transmission Rules
SOF
Cmd
Data
CRC
CRC
EOF
12 bits
at 106Kb/s
10 bits
10 bits
10 bits
10 bits
10 bits
Sent by
the CR14
t0
64/fs Min
t1
80/fs Min
Sync
fs = 847.5kHz
SOF
Data
CRC
CRC
EOF
12 or 13
bits
10 bits
12 or 13
bits
10 bits
10 bits
tWDG
Case of Answer Frame with SOF & EOF
Sent by the PICC
Sync
Data
Data
CRC
tWDG
Case of Answer Frame without SOF & EOF
Data
CRC
t0
64/fs Min
t1
80/fs Min
10 bits
10 bits
10 bits
10 bits
10 bits
Output Data Transfer using ASK Modulation
Input Data Transfer using 847kHz BPSK Modulation
ai12052
tDR
LSByte
MSByte
CRC 16 (8 bits)
CRC 16 (8 bits)
LSBit
MSBit LSBit
MSBit
ai09256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com