Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L35 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 38Page - Cirrus Logic CS47L35 Datasheet HTML 39Page - Cirrus Logic CS47L35 Datasheet HTML 40Page - Cirrus Logic CS47L35 Datasheet HTML 41Page - Cirrus Logic CS47L35 Datasheet HTML 42Page - Cirrus Logic CS47L35 Datasheet HTML 43Page - Cirrus Logic CS47L35 Datasheet HTML 44Page - Cirrus Logic CS47L35 Datasheet HTML 45Page - Cirrus Logic CS47L35 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 300 page
background image
42
DS1085F3
CS47L35
4.3 Digital Core
4.3.1
Digital-Core Mixers
The CS47L35 provides an extensive digital mixing capability. The digital-core mixing and signal-processing blocks are
shown in Fig. 4-11. A four-input digital mixer is associated with many of these functions, as shown. The digital mixer circuit
is identical in each instance, providing up to four selectable input sources, with independent volume control on each input.
The control registers associated with the digital-core signal paths are shown in Fig. 4-12–Fig. 4-27. The full list of digital
mixer control registers (R1600–R2936) is provided in Section 6.
Further description of the associated control registers is provided throughout Section 4.3. Generic register field definitions
are provided in Table 4-7.
The digital mixer input sources are selected using the associated x_SRCn fields; the volume control is implemented via
the associated x_VOLn fields.
The ISRC and DSP auxiliary input functions support selectable input sources, but do not incorporate any digital mixing.
The respective input source (x_SRCn) fields are identical to those of the digital mixers.
The x_SRCn fields select the input sources for the respective mixer or signal-processing block. Note that the selected input
sources must be configured for the same sample rate as the blocks to which they are connected. Sample-rate conversion
functions are available to support flexible interconnectivity; see Section 4.3.14.
The x_SRCn fields for all digital core functions should be held at 0x00 if SYSCLK is not enabled—SYSCLK must be
present and enabled before selecting other values for these fields. See Section 4.16.4 for further details (including
requirements for reconfiguring SYSCLK while digital core mixers are enabled).
A status bit is associated with each configurable input source. If an underclocked error condition occurs, these bits indicate
which signal paths have been enabled.
The generic register field definition for the digital mixers is provided in Table 4-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com