Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L35 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 56Page - Cirrus Logic CS47L35 Datasheet HTML 57Page - Cirrus Logic CS47L35 Datasheet HTML 58Page - Cirrus Logic CS47L35 Datasheet HTML 59Page - Cirrus Logic CS47L35 Datasheet HTML 60Page - Cirrus Logic CS47L35 Datasheet HTML 61Page - Cirrus Logic CS47L35 Datasheet HTML 62Page - Cirrus Logic CS47L35 Datasheet HTML 63Page - Cirrus Logic CS47L35 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 300 page
background image
60
DS1085F3
CS47L35
4.3 Digital Core
The CS47L35 performs automatic checks to confirm whether the SYSCLK frequency is high enough to support the
commanded LHPF and digital mixing functions. If the frequency is too low, an attempt to enable an LHPF signal path fails.
Note that active signal paths are not affected under such circumstances.
The FX_STS field in register R3585 indicates the status of each of the EQ, DRC, and LHPF signal paths. If an
underclocked error condition occurs, this field indicates which EQ, DRC, or LHPF signal paths have been enabled.
The status bits in registers R1600–R2936 indicate the status of each of the digital mixers. If an underclocked error
condition occurs, these bits indicate which mixers have been enabled.
Table 4-15. Low-Pass Filter/High-Pass Filter
Register Address Bit
Label
Default
Description
R3585 (0x0E01)
FX_Ctrl2
15:4 FX_STS[11:0]
0x00 LHPF, DRC, EQ Enable Status. Indicates the status of the respective
signal-processing functions. Each bit is coded as follows:
0 = Disabled
1 = Enabled
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
R3776 (0x0EC0)
HPLPF1_1
1
LHPF1_MODE
0
Low-/High-Pass Filter 1 Mode
0 = Low Pass
1 = High Pass
0
LHPF1_ENA
0
Low-/High-Pass Filter 1 Enable
0 = Disabled
1 = Enabled
R3777 (0x0EC1)
HPLPF1_2
15:0 LHPF1_COEFF[15:0] 0x0000 Low-/High-Pass Filter 1 Frequency Coefficient
Refer to WISCE evaluation board control software for the derivation of this field
value.
R3780 (0x0EC4)
HPLPF2_1
1
LHPF2_MODE
0
Low-/High-Pass Filter 2 Mode
0 = Low Pass
1 = High Pass
0
LHPF2_ENA
0
Low-/High-Pass Filter 2 Enable
0 = Disabled
1 = Enabled
R3781 (0x0EC5)
HPLPF2_2
15:0 LHPF2_COEFF[15:0] 0x0000 Low-/High-Pass Filter 2 Frequency Coefficient
Refer to WISCE evaluation board control software for the derivation of this field
value.
R3784 (0x0EC8)
HPLPF3_1
1
LHPF3_MODE
0
Low-/High-Pass Filter 3 Mode
0 = Low Pass
1 = High Pass
0
LHPF3_ENA
0
Low-/High-Pass Filter 3 Enable
0 = Disabled
1 = Enabled
R3785 (0x0EC9)
HPLPF3_2
15:0 LHPF3_COEFF[15:0] 0x0000 Low-/High-Pass Filter 3 Frequency Coefficient
Refer to WISCE evaluation board control software for the derivation of this field
value.
R3788 (0x0ECC)
HPLPF4_1
1
LHPF4_MODE
0
Low-/High-Pass Filter 4 Mode
0 = Low Pass
1 = High Pass
0
LHPF4_ENA
0
Low-/High-Pass Filter 4 Enable
0 = Disabled
1 = Enabled
R3789 (0x0ECD)
HPLPF4_2
15:0 LHPF4_COEFF[15:0] 0x0000 Low-/High-Pass Filter 4 Frequency Coefficient
Refer to WISCE evaluation board control software for the derivation of this field
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com