Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L35 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 50Page - Cirrus Logic CS47L35 Datasheet HTML 51Page - Cirrus Logic CS47L35 Datasheet HTML 52Page - Cirrus Logic CS47L35 Datasheet HTML 53Page - Cirrus Logic CS47L35 Datasheet HTML 54Page - Cirrus Logic CS47L35 Datasheet HTML 55Page - Cirrus Logic CS47L35 Datasheet HTML 56Page - Cirrus Logic CS47L35 Datasheet HTML 57Page - Cirrus Logic CS47L35 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 300 page
background image
54
DS1085F3
CS47L35
4.3 Digital Core
Parameter Y0, the output level for a 0 dB input, is not specified directly but can be calculated from the other parameters
using Eq. 4-1.
Equation 4-1. DRC Compression Calculation
4.3.5.2 Gain Limits
The minimum and maximum gain applied by the DRC is set by DRCn_MINGAIN, DRCn_MAXGAIN, and DRCn_NG_
MINGAIN. These limits can be used to alter the DRC response from that shown in Fig. 4-18. If the range between
maximum and minimum gain is reduced, the extent of the dynamic range control is reduced.
The minimum gain in the compression regions of the DRC response is set by DRCn_MINGAIN. The minimum gain in the
noise-gate region is set by DRCn_NG_MINGAIN. The minimum gain limit prevents excessive attenuation of the signal
path.
The maximum gain limit set by DRCn_MAXGAIN prevents quiet signals (or silence) from being excessively amplified.
4.3.5.3 Dynamic Characteristics
The dynamic behavior determines how quickly the DRC responds to changing signal levels. Note that the DRC responds
to the average (RMS) signal amplitude over a period of time.
The DRCn_ATK determines how quickly the DRC gain decreases when the signal amplitude is high. The DRCn_DCY
determines how quickly the DRC gain increases when the signal amplitude is low.
These fields are described in Table 4-13. The register defaults are suitable for general-purpose microphone use.
4.3.5.4 Anticlip Control
The DRC includes an anticlip feature to avoid signal clipping when the input amplitude rises very quickly. This feature uses
a feed-forward technique for early detection of a rising signal level. Signal clipping is avoided by dynamically increasing
the gain attack rate when required. The anticlip feature is enabled using the DRCn_ANTICLIP bit.
Note that the feed-forward processing increases the latency in the input signal path.
Note that the anticlip feature operates entirely in the digital domain. It cannot be used to prevent signal clipping in the
analog domain nor in the source signal. Analog clipping can only be prevented by reducing the analog signal gain or by
adjusting the source signal.
4.3.5.5 Quick Release Control
The DRC includes a quick-release feature to handle short transient peaks that are not related to the intended source
signal. For example, in handheld microphone recording, transient signal peaks sometimes occur due to user handling, key
presses or accidental tapping against the microphone. The quick-release feature ensures that these transients do not
cause the intended signal to be masked by the longer time constant of DRCn_DCY.
The quick-release feature is enabled by setting the DRCn_QR bit. When this bit is enabled, the DRC measures the crest
factor (peak to RMS ratio) of the input signal. A high crest factor is indicative of a transient peak that may not be related
to the intended source signal. If the crest factor exceeds the level set by DRCn_QR_THR, the normal decay rate (DRCn_
DCY) is ignored and a faster decay rate (DRCn_QR_DCY) is used instead.
4.3.5.6 Signal Activity Detect
The DRC incorporates a configurable signal-detect function, allowing the signal level at the DRC input to be monitored
and to be used to trigger other events. This can be used to detect the presence of a microphone signal on an ADC or DMIC
channel, or can be used to detect an audio signal received over the digital audio interface.
Y0
DRCn_KNEE_OP
DRCn_KNEE_IP
DRCn_HI_COMP

–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com