Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L35 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 28Page - Cirrus Logic CS47L35 Datasheet HTML 29Page - Cirrus Logic CS47L35 Datasheet HTML 30Page - Cirrus Logic CS47L35 Datasheet HTML 31Page - Cirrus Logic CS47L35 Datasheet HTML 32Page - Cirrus Logic CS47L35 Datasheet HTML 33Page - Cirrus Logic CS47L35 Datasheet HTML 34Page - Cirrus Logic CS47L35 Datasheet HTML 35Page - Cirrus Logic CS47L35 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 300 page
background image
32
DS1085F3
CS47L35
4.2 Input Signal Path
The analog line input configurations are shown in Fig. 4-7 and Fig. 4-8. Note that the microphone bias (MICBIAS) is not
used for line input connections.
4.2.3
DMIC Input
As many as four digital microphones can be connected to the CS47L35. DMIC operation on input paths IN1 and IN2 is
selected using INn_MODE, as described in Section 4.2.6.
In DMIC mode, two channels of audio data are multiplexed on the associated DMICDATn pin. Each stereo DMIC interface
is clocked using the respective DMICCLKn pin.
If DMIC input is enabled, the CS47L35 outputs a clock signal on the applicable DMICCLKn pins. The DMICCLKn
frequency is controlled by the respective INn_OSR field, as described in Table 4-1 and Table 4-3.
Note that, if the 384- or 768-kHz DMICCLKn frequency is selected for one or more of the DMIC input paths, the maximum
valid input path sample rate (all input paths) is affected as described in Table 4-1.
The DMICCLKn frequencies in Table 4-1 assume that the SYSCLK frequency is a multiple of 6.144 MHz (SYSCLK_
FRAC = 0). If the SYSCLK frequency is a multiple of 5.6448 MHz (SYSCLK_FRAC = 1), the DMICCLKn frequencies are
scaled accordingly.
The voltage reference for the IN1 and IN2 DMIC interfaces is selectable, using INn_DMIC_SUP; each interface may be
referenced to MICVDD or to the MICBIAS1B, MICBIAS2A, or MICBIAS2B levels. The voltage reference for each digital
input path should be set equal to the applicable power supply of the respective microphones.
A pair of digital microphones is connected as shown in Fig. 4-9. The microphones must be configured to ensure that the
left mic transmits a data bit when DMICCLK is high and the right mic transmits a data bit when DMICCLK is low. The
CS47L35 samples the DMIC data at the end of each DMICCLK phase. Each microphone must tristate its data output when
the other microphone is transmitting.
Note that the CS47L35 provides integrated pull-down resistors on the DMICDATn pins. This provides a flexible capability
for interfacing with other devices.
Figure 4-7. Single-Ended Line Input
Figure 4-8. Differential Line Input
Table 4-1. DMICCLK Frequency
Condition
DMICCLKn Frequency
Valid Sample Rates
Signal Passband
INn_OSR = 010
384 kHz
Up to 48 kHz
Up to 4 kHz
INn_OSR = 011
768 kHz
Up to 96 kHz
Up to 8 kHz
INn_OSR = 100
1.536 MHz
Up to 192 kHz
Up to 20 kHz
INn_OSR = 101
3.072 MHz
Up to 192 kHz
Up to 20 kHz
INn_OSR = 110
6.144 MHz
Up to 192 kHz
Up to 96 kHz
GND
Line
To ADC
VREF
IN1xN,
IN2xN
IN1xP,
IN2xP
PGA
+
To ADC
VREF
IN1xN,
IN2xN
IN1xP,
IN2xP
Line
PGA
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com