| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 160 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 160 Page - Cirrus Logic |
|
160 / 300 page ![]() 160 DS1085F3 CS47L35 4.12 External Accessory Detection Equation 4-2. Headphone Impedance Calculation The associated parameters for decoding the measurement result are defined Table 4-79. The applicable values are dependent on the HP_IMPEDANCE_RANGE setting in each case. The Offset and Gradient values are derived from register fields that are factory-calibrated for each device. Note that, to achieve the specified measurement accuracy, the above equation must be calculated to an accuracy of at least 5 decimal places throughout. The impedance measurement result is valid when 169 HP_DACVAL 1017. (In case of any contradiction with the HP_ IMPEDANCE_RANGE description, the HP_DACVAL validity takes precedence.) If the external impedance is entirely unknown (i.e., it could lie in any of the HP_IMPEDANCE_RANGE regions), it is recommended to test initially with HP_IMPEDANCE_RANGE = 00. If the resultant HP_DACVAL is < 169, the impedance is higher than the selected measurement range, so the test should be scheduled again, after incrementing HP_ IMPEDANCE_RANGE. Each measurement is triggered by writing 1 to HP_POLL. Completion of each measurement is indicated by HP_DONE. Note that, after HP_DONE has been asserted, it remains asserted until the next measurement has been commanded. Note: A simpler, but less accurate, procedure for headphone impedance measurement is also supported, using the HP_ LVL field. When the HP_DONE bit is set, indicating completion of a measurement, the impedance can be read directly from the HP_LVL field, provided that the value lies within the range of the applicable HP_IMPEDANCE_ RANGE setting. Note that, for detection using one of the MICDETn pins, the HP_LVL field is the only supported measurement output option. The HP_IMPEDANCE_RANGE field is not valid for detection on the MICDETn pins. See Table 4-80 for further description of the HP_LVL field. The headphone detection function is an input to the interrupt control circuit and can be used to trigger an interrupt event on completion of the headphone detection; see Section 4.15. The fields associated with headphone detection are described in Table 4-80. The external circuit configuration is shown Fig. 4-61. Note that 32-bit register addressing is used from R12888 (0x3000) upwards; 16-bit format is used otherwise. The registers noted in Table 4-80 contain a mixture of 16- and 32-bit register addresses. Table 4-79. Headphone Measurement Decode Parameters Parameter HP_IMPEDANCE_ RANGE = 00 HP_IMPEDANCE_ RANGE = 01 HP_IMPEDANCE_ RANGE = 10 HP_IMPEDANCE_ RANGE = 11 C0 1.007 1.007 9.696 100.684 C1 –0.0072 –0.0072 –0.0795 –0.9494 C2 4003 7975 7300 7300 C3 69.3 69.6 62.9 63.2 C4 0.0055 0.0055 0.0055 0.0055 C5 0.25 0.25 0.25 0.25 Offset HP_OFFSET_00 HP_OFFSET_01 HP_OFFSET_10 HP_OFFSET_11 Gradient HP_GRADIENT_0X HP_GRADIENT_0X HP_GRADIENT_1X HP_GRADIENT_1X Impedance C0 C1 Offset + HP_DACVAL HP_DACVAL_DOWN + 2 0.5 + C2 -------------------------------------------------------------------------------------------------------------- 1 C3 1C4 Gradient + ------------------------------------------------------- – --------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------- C 5 – = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |