| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 168 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 168 Page - Cirrus Logic |
|
168 / 300 page ![]() 168 DS1085F3 CS47L35 4.14 General-Purpose I/O 4.14.4 Button Detect (GPIO Input)—GPn_FN = 0x001 Button-detect functionality can be selected on a GPIO pin by setting the respective GPIO fields as described in Section 4.14.1. The same functionality can be used to support a jack-detect input function. It is recommended to enable the GPIO input debounce feature when using GPIOs as button input or jack-detect input. The GPn_LVL fields may be read to determine the logic levels on a GPIO input, after the selectable debounce controls. Note that GPn_LVL is not affected by the GPn_POL bit. The debounced GPIO signals are also inputs to the interrupt-control circuit. An interrupt event is triggered on the rising and falling edges of the GPIO input. The associated interrupt bits are latched once set; they can be polled at any time or used to control the IRQ signal. See Section 4.15 for details of the interrupt event handling. 4.14.5 Logic 1 and Logic 0 Output (GPIO Output)—GPn_FN = 0x001 The CS47L35 can be programmed to drive a logic high or logic low level on a GPIO pin by selecting the GPIO Output function as described in Section 4.14.1. The output logic level is selected using the respective GPn_LVL bit. Note that, if a GPIO pin is configured as an output, the respective GPn_LVL bits are write-only. The polarity of the GPIO output can be inverted using the GPn_POL bits. If GPn_POL = 1, the external output is the opposite logic level to GPn_LVL. 4.14.6 DSP GPIO (Low-Latency DSP Input/Output)—GPn_FN = 0x002 The DSP GPIO function provides an advanced I/O capability, supporting the requirements of the CS47L35 as a multipurpose sensor hub. The DSP GPIO pins are accessed using maskable sets of I/O control registers; this allows the selected combinations of GPIOs to be controlled with ease, regardless of how the allocation of GPIO pins has been implemented in hardware. The DSP GPIO function is selected by setting the respective GPIO fields as described in Section 4.14.1. A full description of the DSP GPIO function is provided in Section 4.5.4. Note that, if GPn_FN is set to 0x002, the respective pin direction (input or output) is set according to the DSP GPIO configuration for that pin—the GPn_DIR control bit has no effect in this case. Table 4-85. GPIO Alternate Functions Name Condition Description Direction Output Driver Configuration AIF1BCLK/GPIO9 GP9_FN = 0x000 Audio Interface 1 bit clock Digital I/OCMOS AIF1LRCLK/GPIO11 GP11_FN = 0x000 Audio Interface 1 left/right clock Digital I/O CMOS AIF1RXDAT/GPIO8 GP8_FN = 0x000 Audio Interface 1 RX digital audio data Digital input CMOS AIF1TXDAT/GPIO10 GP10_FN = 0x000 Audio Interface 1 TX digital audio data Digital output CMOS AIF2BCLK/GPIO13 GP13_FN = 0x000 Audio Interface 2 bit clock Digital I/O CMOS AIF2LRCLK/GPIO15 GP15_FN = 0x000 Audio Interface 2 left/right clock Digital I/O CMOS AIF2RXDAT/GPIO14 GP14_FN = 0x000 Audio Interface 2 RX digital audio data Digital input CMOS AIF2TXDAT/GPIO12 GP12_FN = 0x000 Audio Interface 2 TX digital audio data Digital output CMOS AIF3BCLK/GPIO2 GP2_FN = 0x000 Audio Interface 3 bit clock Digital I/OCMOS AIF3LRCLK/GPIO4 GP4_FN = 0x000 Audio Interface 3 left/right clock Digital I/O CMOS AIF3RXDAT/GPIO3 GP3_FN = 0x000 Audio Interface 3 RX digital audio data Digital input CMOS AIF3TXDAT/GPIO1 GP1_FN = 0x000 Audio Interface 3 TX digital audio data Digital output CMOS MIF1SCLK/GPIO16 GP16_FN = 0x000 Master (I2C) Interface 1 clock Digital output Open drain MIF1SDA/GPIO7 GP7_FN = 0x000 Master (I2C) Interface 1 data Digital I/O Open drain SPKCLK/GPIO6 GP6_FN = 0x000 Digital speaker (PDM) clock Digital output CMOS SPKDAT/GPIO5 GP5_FN = 0x000 Digital speaker (PDM) data Digital outputCMOS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |