| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 173 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 173 Page - Cirrus Logic |
|
173 / 300 page ![]() DS1085F3 173 CS47L35 4.15 Interrupts The IRQ1 output is provided externally on the IRQ pin. Under default conditions, this output is active low. The polarity can be inverted using IRQ_POL. The IRQ output can be either CMOS driven or open drain; this is selected using the IRQ_ OP_CFG bit. The IRQ output is referenced to the DBVDD1 power domain. The IRQ2 status can be used to trigger DSP firmware execution; see Section 4.4. This allows the DSP firmware execution to be linked to external events (e.g., jack detection, or GPIO input), or to any of the status conditions flagged by the interrupt registers. The IRQ1 and IRQ2 signals may be output on a GPIO pin; see Section 4.14. The CS47L35 interrupt controller circuit is shown in Fig. 4-62. (Note that not all interrupt inputs are shown.) The control fields associated with IRQ1 and IRQ2 are described in Table 4-89 and Table 4-90 respectively. The global interrupt mask bits, status bits, and output configuration fields are described Table 4-91. Note that, under default register conditions, the boot done status is the only unmasked interrupt source; a falling edge on the IRQ pin indicates completion of the boot sequence. Figure 4-62. Interrupt Controller IM_xxx_EINT1 IM_xxx_EINT1 IM_GP1_EINT1 IM_FLL1_LOCK_EINT1 IM_DRC1_SIG_DET_EINT1 IM_DSP_IRQ1_EINT1 xxx_EINT1 xxx_EINT1 GP1_EINT1 FLL1_LOCK_EINT1 DRC1_SIG_DET_EINT1 DSP_IRQ1_EINT1 IM_IRQ1 IRQ1_STS xxx_STSn xxx_STSn GP1_LVLn FLL1_LOCK_STSn DRC1_SIG_DET_STSn DSP_IRQ1_STSn IM_xxx_EINT2 IM_xxx_EINT2 IM_GP1_EINT2 IM_FLL1_LOCK_EINT2 IM_DRC1_SIG_DET_EINT2 IM_DSP_IRQ1_EINT2 xxx_EINT2 xxx_EINT2 GP1_EINT2 FLL1_LOCK_EINT2 DRC1_SIG_DET_EINT2 DSP_IRQ1_EINT2 IM_IRQ2 IRQ2_STS Note: not all available interrupt sources are shown |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |