Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L35 Datasheet(PDF) 278 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 278 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 274Page - Cirrus Logic CS47L35 Datasheet HTML 275Page - Cirrus Logic CS47L35 Datasheet HTML 276Page - Cirrus Logic CS47L35 Datasheet HTML 277Page - Cirrus Logic CS47L35 Datasheet HTML 278Page - Cirrus Logic CS47L35 Datasheet HTML 279Page - Cirrus Logic CS47L35 Datasheet HTML 280Page - Cirrus Logic CS47L35 Datasheet HTML 281Page - Cirrus Logic CS47L35 Datasheet HTML 282Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 300 page
background image
278
DS1085F3
CS47L35
6 Register Map
R295076
(480A4h)
EVENTLOG1_FIFO9_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G1_
FIFO9_
POL
0
0
0
EVENTLOG1_FIFO9_ID [8:0]
R295078
(480A6h)
EVENTLOG1_FIFO9_
TIME
EVENTLOG1_FIFO9_TIME [31:16]
00000000h
EVENTLOG1_FIFO9_TIME [15:0]
R295080
(480A8h)
EVENTLOG1_FIFO10_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G1_
FIFO10_
POL
0
0
0
EVENTLOG1_FIFO10_ID [8:0]
R295082
(480AAh)
EVENTLOG1_FIFO10_
TIME
EVENTLOG1_FIFO10_TIME [31:16]
00000000h
EVENTLOG1_FIFO10_TIME [15:0]
R295084
(480ACh)
EVENTLOG1_FIFO11_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G1_
FIFO11_
POL
0
0
0
EVENTLOG1_FIFO11_ID [8:0]
R295086
(480AEh)
EVENTLOG1_FIFO11_
TIME
EVENTLOG1_FIFO11_TIME [31:16]
00000000h
EVENTLOG1_FIFO11_TIME [15:0]
R295088
(480B0h)
EVENTLOG1_FIFO12_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G1_
FIFO12_
POL
0
0
0
EVENTLOG1_FIFO12_ID [8:0]
R295090
(480B2h)
EVENTLOG1_FIFO12_
TIME
EVENTLOG1_FIFO12_TIME [31:16]
00000000h
EVENTLOG1_FIFO12_TIME [15:0]
R295092
(480B4h)
EVENTLOG1_FIFO13_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G1_
FIFO13_
POL
0
0
0
EVENTLOG1_FIFO13_ID [8:0]
R295094
(480B6h)
EVENTLOG1_FIFO13_
TIME
EVENTLOG1_FIFO13_TIME [31:16]
00000000h
EVENTLOG1_FIFO13_TIME [15:0]
R295096
(480B8h)
EVENTLOG1_FIFO14_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G1_
FIFO14_
POL
0
0
0
EVENTLOG1_FIFO14_ID [8:0]
R295098
(480BAh)
EVENTLOG1_FIFO14_
TIME
EVENTLOG1_FIFO14_TIME [31:16]
00000000h
EVENTLOG1_FIFO14_TIME [15:0]
R295100
(480BCh)
EVENTLOG1_FIFO15_
READ
0
0
0
000
000
00
000
00
00000000h
0
0
0
EVENTLO
G1_
FIFO15_
POL
0
0
0
EVENTLOG1_FIFO15_ID [8:0]
R295102
(480BEh)
EVENTLOG1_FIFO15_
TIME
EVENTLOG1_FIFO15_TIME [31:16]
00000000h
EVENTLOG1_FIFO15_TIME [15:0]
R295424
(48200h)
EVENTLOG2_
CONTROL
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
EVENTLO
G2_RST
EVENTLO
G2_ENA
R295428
(48204h)
EVENTLOG2_TIMER_
SEL
0
0
0
000
000
00
000
00
00000000h
0
0
0
000
000
00
000
EVENTLOG2_
TIMER_SEL [1:0]
R295436
(4820Ch)
EVENTLOG2_FIFO_
CONTROL1
0
0
0
000
000
00
000
00
00000001h
0
0
0
000
000
00
0
EVENTLOG2_FIFO_WMARK [3:0]
R295438
(4820Eh)
EVENTLOG2_FIFO_
POINTER1
0
0
0
000
000
00
00
EVENTLO
G2_FULL
EVENTLO
G2_
WMARK_
STS
EVENTLO
G2_NOT_
EMPTY
00000000h
0
0
0
0
EVENTLOG2_FIFO_WPTR [3:0]
0
0
0
0
EVENTLOG2_FIFO_RPTR [3:0]
R295456
(48220h)
EVENTLOG2_CH_
ENABLE1
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G2_CH16_
ENA
EVENTLO
G2_CH15_
ENA
EVENTLO
G2_CH14_
ENA
EVENTLO
G2_CH13_
ENA
EVENTLO
G2_CH12_
ENA
EVENTLO
G2_CH11_
ENA
EVENTLO
G2_CH10_
ENA
EVENTLO
G2_CH9_
ENA
EVENTLO
G2_CH8_
ENA
EVENTLO
G2_CH7_
ENA
EVENTLO
G2_CH6_
ENA
EVENTLO
G2_CH5_
ENA
EVENTLO
G2_CH4_
ENA
EVENTLO
G2_CH3_
ENA
EVENTLO
G2_CH2_
ENA
EVENTLO
G2_CH1_
ENA
R295488
(48240h)
EVENTLOG2_CH1_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G2_CH1_
DB
EVENTLO
G2_CH1_
POL
0
0
0
0
0
EVENTLOG2_CH1_SEL [8:0]
R295490
(48242h)
EVENTLOG2_CH2_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G2_CH2_
DB
EVENTLO
G2_CH2_
POL
0
0
0
0
0
EVENTLOG2_CH2_SEL [8:0]
R295492
(48244h)
EVENTLOG2_CH3_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G2_CH3_
DB
EVENTLO
G2_CH3_
POL
0
0
0
0
0
EVENTLOG2_CH3_SEL [8:0]
R295494
(48246h)
EVENTLOG2_CH4_
DEFINE
0
0
0
000
000
00
000
00
00000000h
EVENTLO
G2_CH4_
DB
EVENTLO
G2_CH4_
POL
0
0
0
0
0
EVENTLOG2_CH4_SEL [8:0]
Table 6-2. Register Map Definition—32-bit region (Cont.)
Register
Name
31
15
30
14
29
13
28
12
27
11
26
10
25
9
24
8
23
7
22
6
21
5
20
4
19
3
18
2
17
1
16
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com