Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5F60TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # PWD5F60TR
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PWD5F60TR Datasheet HTML 7Page - STMicroelectronics PWD5F60TR Datasheet HTML 8Page - STMicroelectronics PWD5F60TR Datasheet HTML 9Page - STMicroelectronics PWD5F60TR Datasheet HTML 10Page - STMicroelectronics PWD5F60TR Datasheet HTML 11Page - STMicroelectronics PWD5F60TR Datasheet HTML 12Page - STMicroelectronics PWD5F60TR Datasheet HTML 13Page - STMicroelectronics PWD5F60TR Datasheet HTML 14Page - STMicroelectronics PWD5F60TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Figure 5. Switching time definition
Figure 6. Normalized gate threshold voltage vs
temperature
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
Tj (°C)
ID = 250 µA
Figure 7. Normalized drain-source breakdown voltage vs.
temperature
1.08
1.04
1.00
0.96
0.92
0.88
-75
-25
25
75
125
V(BR)DSS
(norm.)
Tj (°C)
ID = 1 mA
PWD5F60
Device characterization values
DS12543 - Rev 1
page 11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com