Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5F60TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # PWD5F60TR
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PWD5F60TR Datasheet HTML 8Page - STMicroelectronics PWD5F60TR Datasheet HTML 9Page - STMicroelectronics PWD5F60TR Datasheet HTML 10Page - STMicroelectronics PWD5F60TR Datasheet HTML 11Page - STMicroelectronics PWD5F60TR Datasheet HTML 12Page - STMicroelectronics PWD5F60TR Datasheet HTML 13Page - STMicroelectronics PWD5F60TR Datasheet HTML 14Page - STMicroelectronics PWD5F60TR Datasheet HTML 15Page - STMicroelectronics PWD5F60TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Figure 8. Static drain-source on-resistance
1.5
1.46
1.42
1.38
1.34
1.3
1.26
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RDS(on)
(Ω)
ID (A)
VGS =10 V
Figure 9. Normalized on-resistance vs temperature
2.2
1.8
1.4
1.0
0.6
0.2
-75
-25
25
75
125
RDS(on)
(norm.)
Tj (°C)
VGS = 10 V
Figure 10. Transfer characteristics
6
5
4
3
2
1
0
0
2
4
6
8
ID
(A)
VGS (V)
VDS = 20 V
Figure 11. Output characteristics
6
5
4
3
2
1
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS =5 V
VGS =6 V
VGS =7 V
VGS =8, 9, 10 V
Figure 12. Static source-drain diode forward characteristics
1.0
0.9
0.8
0.7
0.6
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VSD
(V)
ISD (A)
Tj = -50 °C
Tj = 25 °C
Tj = 150 °C
Figure 13. Gate charge vs. gate-source voltage
20
16
12
8
4
0
500
400
300
200
100
0
0
2
4
6
8
VGS
(V)
VDS
(V)
Qg (nC)
VDS
VDD = 480 V
ID = 3.5 A
Qg
Qgs
Qgd
PWD5F60
Device characterization values
DS12543 - Rev 1
page 12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com