Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5F60TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # PWD5F60TR
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PWD5F60TR Datasheet HTML 15Page - STMicroelectronics PWD5F60TR Datasheet HTML 16Page - STMicroelectronics PWD5F60TR Datasheet HTML 17Page - STMicroelectronics PWD5F60TR Datasheet HTML 18Page - STMicroelectronics PWD5F60TR Datasheet HTML 19Page - STMicroelectronics PWD5F60TR Datasheet HTML 20Page - STMicroelectronics PWD5F60TR Datasheet HTML 21Page - STMicroelectronics PWD5F60TR Datasheet HTML 22Page - STMicroelectronics PWD5F60TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Figure 21. VFQFPN 15 x 7 x 1 mm package dimensions – exposed pads details
(116°)
23
27
4
47
32
33
34
28
29
30
31
Table 10. VFQFPN 15 x 7 x 1 mm package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
0.85
0.90
A1
0.00
0.05
A3
0.20
b
0.20
0.30
0.40
b1
0.14
0.24
0.34
D
14.90
15.00
15.10
E
6.90
7.00
7.10
D1
0.865
PWD5F60
VFQFPN 15 x 7 x 1 mm package information
DS12543 - Rev 1
page 19/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com