Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5F60TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # PWD5F60TR
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PWD5F60TR Datasheet HTML 12Page - STMicroelectronics PWD5F60TR Datasheet HTML 13Page - STMicroelectronics PWD5F60TR Datasheet HTML 14Page - STMicroelectronics PWD5F60TR Datasheet HTML 15Page - STMicroelectronics PWD5F60TR Datasheet HTML 16Page - STMicroelectronics PWD5F60TR Datasheet HTML 17Page - STMicroelectronics PWD5F60TR Datasheet HTML 18Page - STMicroelectronics PWD5F60TR Datasheet HTML 19Page - STMicroelectronics PWD5F60TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
7
Typical application diagrams
Figure 17. Generic application
Rsense
GND2
CPOUT1
DT1
GND1
PWM1
VCC2
R
Cs1
VCC
Cboot2
Cs2
Cboot1
Cbulk
from CONTROLLER
to CONTROLLER
CP+2
CP-2
PWM2
from CONTROLLER
to CONTROLLER
SD1
DT
HS
GATE DRIVER
LS
DT
Rsense
R
CP+1
CP-1
LOAD
VS
VS
BOOT1
OUT1
OUTB2
BOOT2
OUTB1
SENSE2
OUT2
IN1
VCC1
CPOUT2
IN2
SD2
DT2
SENSE1
HVbus
VCC
HS
GATE DRIVER
LS
Figure 18. Current mode motor control
RDT
12V
Cs1
GATE DRIVER
HS
LS
IN2
DT2
CPOUT2
CP-1
CP+1
SD2
Cs2
Hall effect
sensor
HVbus
DT
DIR
DIR
2.5V
SD
SD
PWM
PWM
Toff
R
12V
Shutdown
12V
IN1
GATE DRIVER
HS
LS
Speed control
voltage reference
DT1
CPOUT1
GND1
PWM1
SD1
VCC1
DIR
DIR
Rsense
M
12V
Cboot2
Cboot1
Cbulk
C
VS
VS
BOOT1
OUT1
OUTB2
BOOT2
OUTB1
SENSE2
OUT2
GND2
Rsense
SENSE1
VCC2
CP+2
CP-2
PWM2
PWD5F60
Typical application diagrams
DS12543 - Rev 1
page 16/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com