Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L7CX Datasheet(PDF) 13 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 9Page - STMicroelectronics VL53L7CX Datasheet HTML 10Page - STMicroelectronics VL53L7CX Datasheet HTML 11Page - STMicroelectronics VL53L7CX Datasheet HTML 12Page - STMicroelectronics VL53L7CX Datasheet HTML 13Page - STMicroelectronics VL53L7CX Datasheet HTML 14Page - STMicroelectronics VL53L7CX Datasheet HTML 15Page - STMicroelectronics VL53L7CX Datasheet HTML 16Page - STMicroelectronics VL53L7CX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Figure 15. VL53L7CX data format (sequential read)
3.1
I2C interface - timing characteristics
Timing characteristics are shown in the tables below. Please refer to the figure below for an explanation of the
parameters used.
Timings are given for all process, voltage and temperature (PVT) conditions.
Table 7. I2C interface - timing characteristics for Fast mode plus (1 MHz)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency
0
1000
kHz
tLOW
Clock pulse width low
0.5
µs
tHIGH
Clock pulse width high
0.26
µs
tSP
Pulse width of spikes which are
suppressed by the input filter
50
ns
tBUF
Bus free time between
transmissions
0.5
µs
tHD.STA
Start hold time
0.26
µs
tSU.STA
Start setup time
0.26
µs
tHD.DAT
Data in hold time
0
0.9
µs
tSU.DAT
Data in setup time
50
ns
tR
SCL/SDA rise time
120
ns
tF
SCL/SDA fall time
120
ns
tSU.STO
Stop setup time
0.26
µs
Ci/o
Input/output capacitance (SDA)
10
pF
Cin
Input capacitance (SCL)
4
pF
CL
Load capacitance
140
550
pF
VL53L7CX
I2C interface - timing characteristics
DS13865 - Rev 3
page 13/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com