Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L7CX Datasheet(PDF) 24 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 20Page - STMicroelectronics VL53L7CX Datasheet HTML 21Page - STMicroelectronics VL53L7CX Datasheet HTML 22Page - STMicroelectronics VL53L7CX Datasheet HTML 23Page - STMicroelectronics VL53L7CX Datasheet HTML 24Page - STMicroelectronics VL53L7CX Datasheet HTML 25Page - STMicroelectronics VL53L7CX Datasheet HTML 26Page - STMicroelectronics VL53L7CX Datasheet HTML 27Page - STMicroelectronics VL53L7CX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
5.3.3
Range accuracy - Autonomous mode
Table 22. Range accuracy – Autonomous mode
Distance (mm)
Mode
Reflectance
Dark (0 klux)
Ambient light (5 klux)
4x4 – 1Hz – 20 ms integration time
20-200 mm
White target (88%)
±10 mm
±9 mm
Lite grey target (54%)
±10 mm
±9 mm
Grey target (17%)
±11 mm
±13 mm
200-4000 mm
White target (88%)
±4%
±6%
Lite grey target (54%)
±3%
±5%
Grey target (17%)
±5%
±9%
8x8 – 1Hz – 20 ms integration time
20-200 mm
White target (88%)
±12 mm
±14 mm
Lite grey target (54%)
±12 mm
±18 mm
Grey target (17%)
±14 mm
±21 mm
200-4000 mm
White target (88%)
±6%
±7%
Lite grey target (54%)
±6%
±8%
Grey target (17%)
±7%
±14%
5.4
Range offset drift over temperature
Selfheating or a change in ambient temperature increases silicon temperature, which results in a range offset drift.
This may be minimized by performing a periodic autocalibration, resulting in a typical drift of 0.15 mm/°C.
The autocalibration is done automatically when a new ranging session is started. A stop/start of the device is
required if the device is already streaming.
VL53L7CX
Range offset drift over temperature
DS13865 - Rev 3
page 24/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com