Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L7CX Datasheet(PDF) 21 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 17Page - STMicroelectronics VL53L7CX Datasheet HTML 18Page - STMicroelectronics VL53L7CX Datasheet HTML 19Page - STMicroelectronics VL53L7CX Datasheet HTML 20Page - STMicroelectronics VL53L7CX Datasheet HTML 21Page - STMicroelectronics VL53L7CX Datasheet HTML 22Page - STMicroelectronics VL53L7CX Datasheet HTML 23Page - STMicroelectronics VL53L7CX Datasheet HTML 24Page - STMicroelectronics VL53L7CX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
5.2.4
Range accuracy in continuous mode
The figure below illustrates how range accuracy is defined over distance.
Figure 20. Range accuracy vs distance
Table 19. Range accuracy in continuous mode
Mode
Distance
Target reflectance
Dark (0 klux)
Ambient light (5 klux)
4x4 – 30 Hz
20-200 mm
White target (88%)
±9 mm
±7 mm
Lite grey target (54%)
±9 mm
±7 mm
Grey target (17%)
±10 mm
±11 mm
200-4000 mm
White target (88%)
±3%
±7%
Lite grey target (54%)
±4%
±9%
Grey target (17%)
±4%
±10%
8x8 – 15 Hz
20-200 mm
White target (88%)
±11 mm
±12 mm
Lite grey target (54%)
±12 mm
±14 mm
Grey target (17%)
±12 mm
±20 mm
200-4000 mm
White target (88%)
±5%
±9%
Lite grey target (54%)
±6%
±12%
Grey target (17%)
±6%
±14%
VL53L7CX
Continuous ranging mode
DS13865 - Rev 3
page 21/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com