Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L7CX Datasheet(PDF) 15 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 11Page - STMicroelectronics VL53L7CX Datasheet HTML 12Page - STMicroelectronics VL53L7CX Datasheet HTML 13Page - STMicroelectronics VL53L7CX Datasheet HTML 14Page - STMicroelectronics VL53L7CX Datasheet HTML 15Page - STMicroelectronics VL53L7CX Datasheet HTML 16Page - STMicroelectronics VL53L7CX Datasheet HTML 17Page - STMicroelectronics VL53L7CX Datasheet HTML 18Page - STMicroelectronics VL53L7CX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
4
Electrical characteristics
4.1
Absolute maximum ratings
Table 9. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD, IOVDD
-0.5
—
3.6
V
SCL, SDA, LPn, INT and I2C_RST
-0.5
—
3.6
Note:
Stresses above those listed in Section 1 Product overview may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
4.2
Recommended operating conditions
Table 10. Recommended operating conditions
Parameter
Min.
Typ.
Max.
Unit
AVDD supply(1)
2.8 V configuration
2.5
2.8
3.3
V
3.3 V configuration
3.0
3.3
3.6
IOVDD supply
1.8 V configuration
1.62
1.8
1.98
2.8 V configuration
2.5
2.8
3.3
3.3 V configuration
3.0
3.3
3.6
Ambient temperature (normal operating)
-30
—
85
°C
1. AVDD is independent of IOVDD
4.3
Electrostatic discharge (ESD)
The VL53L7CX is compliant with ESD values presented in the table below.
Table 11. ESD performances
Parameter
Specification
Conditions
Human body model
JEDEC JS-001-2014
± 2 kV, 1500 Ohms, 100 pF
Charged device model
JEDEC JS-002-2014
± 500 V
VL53L7CX
Electrical characteristics
DS13865 - Rev 3
page 15/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com