Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8MCJS505 Datasheet(PDF) 20 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCJS505
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCJS505 Datasheet(HTML) 20 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCJS505 Datasheet HTML 16Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 17Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 18Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 19Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 20Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 21Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 22Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 23Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 24Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
microComp® Series
20
Dimensions
Male shell
All dimensions in mm (inches)
Shell
size
a
b
c
d
e
f
g
h
Max
Max
min
Max
min
Max
min
Max
min
Max
Max
min
A
8,48
(.334)
4,69
(.185)
19,43
(.765)
19,94
(.785)
7,31
(.288)
7,82
(.307)
14,22
(.559)
14,48
(.570)
9,45
(.372)
10,16
(.400)
6,86
(.270)
2,26
(.089)
B
12,29
(.484)
4,69
(.185)
23,25
(.915)
23,75
(.935)
7,31
(.288)
7,82
(.307)
18,03
(.709)
18,29
(.720)
13,26
(.522)
13,97
(.550)
6,86
(.270)
2,26
(.089)
C
16,10
(.634)
4,69
(.185)
27,05
(1.065)
27,56
(1.085)
7,31
(.288)
7,82
(.307)
21,84
(.859)
22,10
(.870)
17,07
(.672)
17,78
(.700)
6,86
(.270)
2,26
(.089)
D
18,64
(.734)
4,69
(.185)
29,59
(1.165)
30,10
(1.185)
7,31
(.288)
7,82
(.307)
24,38
(.959)
24,64
(.970)
19,61
(.772)
20,32
(.800)
6,86
(.270)
2,26
(.089)
E
22,45
(.884)
4,69
(.185)
33,41
(1.315)
33,91
(1.335)
7,31
(.288)
7,82
(.307)
29,19
(1.149)
28,45
(1.120)
23,42
(.992)
24,13
(.950)
6,86
(.270)
2,26
(.089)
F
26,26
(1.034)
4,69
(.185)
37,21
(1.465)
37,72
(1.485)
7,31
(.288)
7,82
(.307)
32,00
(1.259)
32,26
(1.270)
27,23
(1.072)
27,94
(1.100)
6,86
(.270)
2,26
(.089)
G
24,99
(.934)
4,69
(.185)
35,95
(1.415)
36,45
(1.435)
7,31
(.288)
7,82
(.307)
30,73
(1.209)
30,99
(1.220)
25,96
(1.022)
26,67
(1.050)
6,86
(.270)
2,26
(.089)
H
36,90
(1.463)
5,78
(.227)
48,05
(1.891)
48,55
(1.911)
8,42
(.331)
8,92
(.351)
43,23
(1.702)
43,49
(1.712)
38,40
(1.512)
38,65
(1.522)
7,87
(.310)
2,26
(.089)
J
45,10
(1.775)
9,25
(.364)
62,25
(2.451)
62,75
(2.470)
12,00
(.472)
12,50
(.492)
54,72
(2.154)
54,98
(1.377)
47,40
(1.866)
47,65
(1.876)
11,25
(.443)
3,70
(.146)
Sealed version (with grommet)
Optional Design
Oblong Holes Shell Size H
0.25
+0.05
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com