Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8MCJS505 Datasheet(PDF) 22 Page - SOURIAU-SUNBANK Connection Technologies

Part # 8MCJS505
Description  Miniature Lightweight High Density Connectors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

8MCJS505 Datasheet(HTML) 22 Page - SOURIAU-SUNBANK Connection Technologies

Back Button 8MCJS505 Datasheet HTML 18Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 19Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 20Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 21Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 22Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 23Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 24Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 25Page - SOURIAU-SUNBANK Connection Technologies 8MCJS505 Datasheet HTML 26Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
microComp® Series
22
Jackscrew
Jackpost
Mounting operations and hardware
For hardware dimensions consult the mounting hardware section
Option 1: Front mounting on panel
Individual packaging (one package for one mated pair)
Type
P/N
Description
Standard Jackpost (not for rear
panel mounting)
Size A-H
8MCJP507
Jackpost Kit for microComp® shell size A to H (2 jackposts + 2 washers + 2 nuts). Front
panel or cable-to-cable mounting.
Size J
8MCJP517
Jackpost Kit for microComp® shell size J (2 jackposts + 2 washers + 2 nuts).
Front panel or cable-to-cable mounting.
Packaging per 50 kits (one package for one mated pair)
Type
P/N
Description
Standard Jackpost (not for rear
panel mounting)
Size A-H
8MCJP50750
Jackpost Kit for microComp® shell size A to H (100 jackposts + 100 washers + 100
nuts). Front panel or cable-to-cable mounting.
Size J
8MCJP51750
Jackpost Kit for microComp® shell size J (100 jackposts + 100 washers + 100 nuts).
Front panel or cable-to-cable mounting.
Mounting hardware for front mounting on panel:
Double panel mounting dimensions
Dimensions in mm (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com