Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR342FVT Datasheet(PDF) 28 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 28 Page - Rohm

Back Button TLR342FVT Datasheet HTML 24Page - Rohm TLR342FVT Datasheet HTML 25Page - Rohm TLR342FVT Datasheet HTML 26Page - Rohm TLR342FVT Datasheet HTML 27Page - Rohm TLR342FVT Datasheet HTML 28Page - Rohm TLR342FVT Datasheet HTML 29Page - Rohm TLR342FVT Datasheet HTML 30Page - Rohm TLR342FVT Datasheet HTML 31Page - Rohm TLR342FVT Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
28/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Typical Performance Curves – continued
○
TLR344xxx
60
70
80
90
100
110
120
1
2
3
4
5
6
Supply Voltage [V]
Figure 64.Input Offset Voltage vs Input Voltage
(VDD=5V)
Figure 63. Input Offset Voltage vs Ambient Temperature
Figure 66. Large Signal Voltage Gain
vs Ambient Temperature (RL=2kΩ)
Figure 65. Large Signal Voltage Gain
vs Supply Voltage (RL=2kΩ)
-4
-3
-2
-1
0
1
2
3
4
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
1.8V
5.0V
-4
-3
-2
-1
0
1
2
3
4
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
Input Voltage [V]
-40°C
25°C
85°C
-40°C
25°C
85°C
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
1.8V
5V
(*)The data above is measurement value of typical sample, it is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com