Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR342FVT Datasheet(PDF) 34 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 34 Page - Rohm

Back Button TLR342FVT Datasheet HTML 30Page - Rohm TLR342FVT Datasheet HTML 31Page - Rohm TLR342FVT Datasheet HTML 32Page - Rohm TLR342FVT Datasheet HTML 33Page - Rohm TLR342FVT Datasheet HTML 34Page - Rohm TLR342FVT Datasheet HTML 35Page - Rohm TLR342FVT Datasheet HTML 36Page - Rohm TLR342FVT Datasheet HTML 37Page - Rohm TLR342FVT Datasheet HTML 38Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
34/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Application Information – continued
1. Unused Circuits
When there are unused op-amps, it is recommended that they are
connected as in Figure 78, setting the non-inverting input pin to a
potential within the in-phase input voltage range (VICM).
2. Input Voltage
Applying VDD+0.3V to the input pin is possible without causing
deterioration of the electrical characteristics or destruction. However, this
does not ensure normal circuit operation. Please note that the circuit
operates normally only when the input voltage is within the common
mode input voltage range of the electric characteristics.
3. Power Supply(single/dual)
The operational amplifiers operate when the voltage supplied is between VDD and VSS. Therefore, the single supply
operational amplifiers can be used as dual supply operational amplifiers as well.
4. Output Capacitor
If a large capacitor is connected between the output pin and VSS pin, current from the charged capacitor will flow into
the output pin and may destroy the IC when the VDD pin is shorted to ground or pulled down to 0V. Use a capacitor
smaller than 0.1µF between output pin and VSS pin.
5. Oscillation by Output Capacitor
Please pay attention to the oscillation by output capacitor and in designing an application of negative feedback loop
circuit with these ICs.
6. Latch Up
Be careful of input voltage that exceed the VDD and VSS. When CMOS device have sometimes occur latch up and
protect the IC from abnormaly noise.
7. Shutdown Terminal
The shutdown terminal can’t be left unconnected. In case shutdown operation is not needed, the shutdown pin should be
connected to VDD when the IC is used. Leaving the shutdown pin floating will result in an undefined operation mode,
either shutdown or active, or even oscillating between the two modes.
Figure 78. Example of Application Circuit
for Unused Op-amp
Keep this potential
in VICM
VSS
VDD
VICM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com