Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR342FVT Datasheet(PDF) 32 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 32 Page - Rohm

Back Button TLR342FVT Datasheet HTML 28Page - Rohm TLR342FVT Datasheet HTML 29Page - Rohm TLR342FVT Datasheet HTML 30Page - Rohm TLR342FVT Datasheet HTML 31Page - Rohm TLR342FVT Datasheet HTML 32Page - Rohm TLR342FVT Datasheet HTML 33Page - Rohm TLR342FVT Datasheet HTML 34Page - Rohm TLR342FVT Datasheet HTML 35Page - Rohm TLR342FVT Datasheet HTML 36Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
32/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Application Information – continued
Switch Condition for Test Circuit 2
SW No.
SW1 SW2 SW3 SW4 SW5 SW6 SW7 SW8 SW9 SW10 SW11 SW12
Supply Current
OFF OFF
ON
OFF
ON
OFF OFF OFF OFF OFF OFF OFF
Maximum Output Voltage RL=10kΩ
OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF
Output Current
OFF
ON
OFF OFF
ON
OFF OFF OFF OFF
ON
OFF OFF
Slew Rate
OFF OFF
ON
OFF OFF OFF
ON
ON
OFF OFF OFF
ON
Unity Gain Frequency
ON
OFF OFF
ON
ON
OFF OFF OFF
ON
OFF OFF
ON
Turn On Time
OFF OFF
ON
OFF
ON
OFF OFF OFF OFF OFF OFF OFF
Figure 75. Slew Rate Input and Output Wave
Input Voltage
t
Input Wave
VH
VL
VH
VL
SR=
V/t
Output Voltage
t
t
V
10%
90%
Output Wave
Figure 74. Test Circuit 2 (Each Op-Amp)
SW3
●
SW1
SW2
-
+
SW9
SW10 SW11
SW8
SW5
SW6
SW7
CL
SW12
SW4
R1=1kΩ
R2=100kΩ
RL
VSS
VDD
VOUT
V-IN
V+IN
VRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com