Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR342FVT Datasheet(PDF) 37 Page - Rohm

Part # TLR342FVT
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT Datasheet(HTML) 37 Page - Rohm

Back Button TLR342FVT Datasheet HTML 33Page - Rohm TLR342FVT Datasheet HTML 34Page - Rohm TLR342FVT Datasheet HTML 35Page - Rohm TLR342FVT Datasheet HTML 36Page - Rohm TLR342FVT Datasheet HTML 37Page - Rohm TLR342FVT Datasheet HTML 38Page - Rohm TLR342FVT Datasheet HTML 39Page - Rohm TLR342FVT Datasheet HTML 40Page - Rohm TLR342FVT Datasheet HTML 41Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
37/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Power Dissipation
Power dissipation (total loss) indicates the power that the IC can consume at TA=25°C (normal temperature). As the IC
consumes power, it heats up, causing its temperature to be higher than the ambient temperature. The allowable temperature
that the IC can accept is limited. This depends on the circuit configuration, manufacturing process, and consumable power.
Power dissipation is determined by the allowable temperature within the IC (maximum junction temperature) and the thermal
resistance of the package used (heat dissipation capability). Maximum junction temperature is typically equal to the
maximum storage temperature. The heat generated through the consumption of power by the IC radiates from the mold
resin or lead frame of the package. Thermal resistance, represented by the symbol θJA°C/W, indicates this heat dissipation
capability. Similarly, the temperature of an IC inside its package can be estimated by thermal resistance.
Figure 82(a) shows the model of the thermal resistance of a package. The equation below shows how to compute for the
Thermal resistance (θJA), given the ambient temperature (TA), maximum junction temperature (Tjmax), and power dissipation
(PD).
θJA = (Tjmax-TA) / PD
°C/W
The derating curve in Figure 82(b) indicates the power that the IC can consume with reference to ambient temperature.
Power consumption of the IC begins to attenuate at certain temperatures. This gradient is determined by Thermal resistance
(θJA), which depends on the chip size, power consumption, package, ambient temperature, package condition, wind velocity,
etc. This may also vary even when the same of package is used. Thermal reduction curve indicates a reference value
measured at a specified condition. Figure 82 (c), (d), and (e) shows an example of the derating curve for TLR341G,
TLR342xxx, and TLR344xxx, respectively.
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
(d) TLR342xxx
85
θJA=(Tjmax-TA)/ PD °C/W
Ambient Temperature TA [ °C ]
Chip Surface Temperature TJ [ °C ]
(a) Thermal Resistance
(b) Derating Curve
Ambient Temperature TA [ °C ]
Power Dissipation of LSI [W]
PDmax
θJA2 < θJA1
0
50
75
100
125
150
25
P1
P2
θJA2
θJA1
Tjmax
TLR342FJ
(Note 36)
TLR342FVT
(Note 37)
TLR342FVJ
(Note 38)
TLR342F
(Note 35)
(c) TLR341G
TLR341G
(Note 34)
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com