Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LPV531 Datasheet HTML 1Page - National Semiconductor (TI) LPV531 Datasheet HTML 2Page - National Semiconductor (TI) LPV531 Datasheet HTML 3Page - National Semiconductor (TI) LPV531 Datasheet HTML 4Page - National Semiconductor (TI) LPV531 Datasheet HTML 5Page - National Semiconductor (TI) LPV531 Datasheet HTML 6Page - National Semiconductor (TI) LPV531 Datasheet HTML 7Page - National Semiconductor (TI) LPV531 Datasheet HTML 8Page - National Semiconductor (TI) LPV531 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
5V Full Power Mode Electrical Characteristics (Continued)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, I
SEL pin connected to
V
−,R
L = 100 k
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate (Note 7)
A
V = +1, VIN = 0.5V to 3.5V
C
L =15pF
1.55
1
2.5
V/µs
GBW
Gain Bandwidth Product
C
L = 20 pF
4.6
MHz
e
n
Input-Referred Voltage Noise
f = 100 kHz
20
nV/
f = 1 kHz
28
i
n
Input-Referred Current Noise
f = 1 kHz
6
fA/
5V Mid-Power Mode Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, I
SEL pin connected to
V
− through 100 k
Ω resistor, R
L = 100 k
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
±1
±4.5
±5
mV
∆V
OS
Input Offset Voltage Difference (V
OS in Full Power Mode) −
(V
OS in Low Power Mode)
±0.1
±2
mV
TC V
OS
Input Offset Average Drift
(Note 8)
±2
µV/˚C
I
B
Input Bias Current
(Note 9)
.05
±10
±100
pA
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 3.5V
72
68
92
dB
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 5.5V
72
68
88
dB
CMVR
Input Common Mode Voltage
Range
CMRR
≥ 50 dB
−0.3
3.8
V
A
VOL
Large Signal Voltage Gain
V
O = 0.5V to 4.5V
R
L =10k
Ω to V+/2
86
82
96
dB
V
O = 0.5V to 4.5V
R
L = 100 k
Ω to V+/2
100
98
114
V
O
Output Swing High
R
L =10k
Ω to V+/2
115
160
175
mV from
V
+
R
L = 100 k
Ω to V+/2
65
110
120
Output Swing Low
R
L =10k
Ω to V+/2
150
165
180
mV
R
L = 100 k
Ω to V+/2
105
120
135
I
SC
Output Short Circuit Current
(Note 3)
Sourcing, V
O = 2.5V
V
ID = 100 mV
−4
−1.5
−1
mA
Sinking, V
O = 2.5V
V
ID = −100 mV
1.5
1
4
I
S
Supply Current
42
55
62
µA
SR
Slew Rate (Note 7)
A
V = +1, VIN = 0.5V to 3.5V
180
100
250
V/ms
GBW
Gain Bandwidth Product
C
L = 20 pF
625
kHz
e
n
Input-Referred Voltage Noise
f = 100 kHz
55
nV/
f = 1 kHz
60
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com