Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LPV531 Datasheet HTML 9Page - National Semiconductor (TI) LPV531 Datasheet HTML 10Page - National Semiconductor (TI) LPV531 Datasheet HTML 11Page - National Semiconductor (TI) LPV531 Datasheet HTML 12Page - National Semiconductor (TI) LPV531 Datasheet HTML 13Page - National Semiconductor (TI) LPV531 Datasheet HTML 14Page - National Semiconductor (TI) LPV531 Datasheet HTML 15Page - National Semiconductor (TI) LPV531 Datasheet HTML 16Page - National Semiconductor (TI) LPV531 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Typical Application (Continued)
When the load capacitance is increased, the pole at the
output will shift to lower frequencies. Eventually, the output
pole will shift below the unity gain frequency. This will cause
the frequency characteristic to move through the 0 dB axis
with a slope of 40 dB/decade and a feedback loop formed
around the LPV531 may oscillate. The LPV531 is internally
compensated in such a manner that it will be stable for load
capacitances up to 100 pF.
When the power setting of the LPV531 is reduced, both the
transconductance of the input stage and the transconduc-
tance of the output stage will scale lineary with the power
level to lower levels. This means that both the unity gain
frequency and the pole to the transconductance of the output
stage and the load capacitance will move down. Because
both the unity gain frequency and the output pole move
down in similar amounts, the stability of the LPV531 is still
the same. This is shown in Figure 7 which gives the phase
margin as a function of the load capacitance in the low power
mode (5 µA), mid-power mode (40 µA) and high power mode
(400 µA). Though the power level and unity gain frequency
move with about two decades, the phase margin as a func-
tion of the capacitive load is hardly affected. This means that
when the LPV531 is stable in an application circuit with a
given load capacitance in the high power mode, the circuit
will remain stable with the same capacitive load connected
when the power level is reduced.
Figure 8 shows a method that is sometimes used to allow an
op amp to drive larger capacitors than it was originally de-
signed to do. The capacitive load is isolated from the output
of the op amp with an isolation resistor (R
ISO). This moves
the output pole, that was originally located at g
m,out/Cl,toa
higher frequency. This method requires that the value of
R
ISO is in the same order of magnitude as 1/gm,out. For the
LPV531, this method will not be effective when used across
a broad range of power levels. This is because the high
power mode will require a relatively small value for R
ISO,
while such a small R
ISO will be ineffective at low power
levels. In most applications this should not be a problem as
the LPV531 can drive sufficient capacitive loads without the
need for an external isolation resistor.
INPUT CAPACITANCE AND FEEDBACK CIRCUIT
ELEMENTS
The LPV531 has a very low input bias current (50 fA). To
obtain this performance a large CMOS input stage is used,
which adds to the input capacitance of the op amp, C
IN.
Though this does not affect the DC and low frequency per-
formance, at higher frequencies the input capacitance inter-
acts with the input and the feedback impedances to create a
pole, which results in lower phase margin and gain peaking.
The gain peaking can be reduced by carefully choosing the
appropriate feedback resistor, as well as, by using a feed-
back capacitance, C
F. For example, in the inverting amplifier
shown in Figure 9,ifC
IN and CF are ignored and the open
loop gain of the op amp is considered infinite then the gain of
the circuit is −R
2/R1. An op amp, however, usually has a
dominant pole, which causes its gain to drop with frequency.
Hence, this gain is only valid for DC and low frequency. To
understand the effect of the input capacitance coupled with
the non-ideal gain of the op amp, the circuit needs to be
analyzed in the frequency domain using a Laplace trans-
form.
20132370
FIGURE 7. Phase Margin vs. Capacitive Load
20132325
FIGURE 8. Compensation by Isolation Resistor
20132338
FIGURE 9. Inverting Amplifier
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com