Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LPV531 Datasheet HTML 1Page - National Semiconductor (TI) LPV531 Datasheet HTML 2Page - National Semiconductor (TI) LPV531 Datasheet HTML 3Page - National Semiconductor (TI) LPV531 Datasheet HTML 4Page - National Semiconductor (TI) LPV531 Datasheet HTML 5Page - National Semiconductor (TI) LPV531 Datasheet HTML 6Page - National Semiconductor (TI) LPV531 Datasheet HTML 7Page - National Semiconductor (TI) LPV531 Datasheet HTML 8Page - National Semiconductor (TI) LPV531 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LPV531
Programmable Micropower CMOS Input, Rail-to-Rail
Output Operational Amplifier
General Description
The LPV531 is an extremely versatile operational amplifier.
A single external resistor gives the system designer the
ability to define the quiescent current, gain bandwidth prod-
uct and output short circuit current. This innovative feature
gives the system designer a method to dynamically switch
the power level to optimize the performance of the op amp
and meet the system design requirements.
The LPV531 can be tailored to a wide variety of applications.
It offers the system designer the ability to dynamically trade
off supply current for bandwidth by adjusting the current
drawn from the I
SEL pin using a DAC or switching in different
value resistors in series with the I
SEL pin. The LPV531 is
capable of operating from 73 kHz, consuming only 5 µA, to
as fast as 4.6 MHz, consuming only 425 µA. The input offset
voltage is relatively independent and therefore is not signifi-
cantly affected by the chosen power level.
Utilizing a CMOS input stage, the LPV531 achieves an input
bias current of 50 fA and a common mode input voltage
which extends from the negative rail to within 1.2V of the
positive supply. The LPV531’s rail-to-rail class AB output
stage enables this op amp to offer maximum dynamic range
at low supply voltage.
Offered in the space saving 6-pin TSOT23 package, the
LPV531 is ideal for use in handheld electronics and portable
applications. The LPV531 is manufactured using National’s
advanced VIP50 process.
A fixed supply current/gain bandwidth is available upon re-
quest.
Features
(Typical 5V supply, unless otherwise noted.)
n
Supply voltage
2.7V to 5.5V
n
Dynamic power mode setting
n
Continuously programmable supply current
— Range
5 µA to 425 µA
n
Continuously programmable bandwidth
— Range
73 kHz to 4.6 MHz
n
Input common mode voltage range
−0.3V to 3.8V
n
CMRR
95 dB
n
Rail-to-rail output voltage swing
n
Input offset voltage
1 mV
Applications
n
AC coupled circuits
n
Portable instrumentation
n
Active filters
Typical Application
20132335
AC Coupled Application
May 2006
© 2006 National Semiconductor Corporation
DS201323
www.national.com


Similar Part No. - LPV531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV531 TI-LPV531 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV531 TI2-LPV531 Datasheet
1Mb / 29P
LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
REVISED MARCH 2013
LPV531MK/NOPB TI-LPV531MK/NOPB Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV531MK/NOPB TI2-LPV531MK/NOPB Datasheet
1Mb / 29P
LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
REVISED MARCH 2013
LPV531MK/NOPB.A TI2-LPV531MK/NOPB.A Datasheet
1Mb / 29P
LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
REVISED MARCH 2013
More results

Similar Description - LPV531

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com