Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV531 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LPV531 Datasheet HTML 9Page - National Semiconductor (TI) LPV531 Datasheet HTML 10Page - National Semiconductor (TI) LPV531 Datasheet HTML 11Page - National Semiconductor (TI) LPV531 Datasheet HTML 12Page - National Semiconductor (TI) LPV531 Datasheet HTML 13Page - National Semiconductor (TI) LPV531 Datasheet HTML 14Page - National Semiconductor (TI) LPV531 Datasheet HTML 15Page - National Semiconductor (TI) LPV531 Datasheet HTML 16Page - National Semiconductor (TI) LPV531 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Typical Application (Continued)
For simplicity, the op amp is modelled as an ideal integrator
with a unity gain frequency of A
0 . Hence, its transfer function
(or gain) in the frequency domain is A
0/s. Solving the circuit
equations in the frequency domain, ignoring C
F for the mo-
ment, results in the following equation for the gain:
(1)
It can be inferred from the denominator of the transfer func-
tion that it has two poles, whose expressions can be ob-
tained by solving for the roots of the denominator:
(2)
Equation (2) shows that as the values of R
1 and R2 are
increased, the magnitude of the poles is reduced, and hence
the bandwidth of the amplifier is decreased. Furthermore, R
1
and R
2 are related by the gain of the amplifier.
A
V =−R2/R1, or alternatively
R
2 =−AVR1
It is the presence of pairs of poles in Equation (2) that causes
gain peaking. In order to eliminate this effect, the poles
should be placed in Butterworth position, since poles in
Butterworth position do not cause gain peaking. To achieve a
Butterworth pair, the quantity under the square root in Equa-
tion 2 should be set to equal −1. Using this fact and the
relation between R
1 and R2, the optimum value for R1 can be
found. This is shown in Equation (3).IfR
1 is chosen to be
larger than this optimum value, gain peaking will occur.
(3)
In Figure 9,C
F is added to compensate for input capacitance
and to increase stability. In addition, C
F reduce or eliminates
the gain peaking that can be caused by having a larger
feedback resistor.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com