Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5940PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940PWPR
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5940PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5940PWPR Datasheet HTML 3Page - Texas Instruments TLC5940PWPR Datasheet HTML 4Page - Texas Instruments TLC5940PWPR Datasheet HTML 5Page - Texas Instruments TLC5940PWPR Datasheet HTML 6Page - Texas Instruments TLC5940PWPR Datasheet HTML 7Page - Texas Instruments TLC5940PWPR Datasheet HTML 8Page - Texas Instruments TLC5940PWPR Datasheet HTML 9Page - Texas Instruments TLC5940PWPR Datasheet HTML 10Page - Texas Instruments TLC5940PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
DEVICE INFORMATION (continued)
TERMINAL FUNCTION
TERMINAL
NO.
I/O
DESCRIPTION
NAME
DIP
PWP
RHB
Blank all outputs. When BLANK = H, all OUTn outputs are forced OFF. GS counter is also
BLANK
23
2
31
I
reset. When BLANK = L, OUTn are controlled by grayscale PWM control.
Switch DC data input. When DCPRG = L, DC is connected to EEPROM. When DCPRG = H,
DCPRG
19
26
25
I
DC is connected to the DC register.
DCPRG is also controls EEPROM writing, when VPRG = V(PRG)
GND
22
1
30
G
Ground
GSCLK
18
25
24
I
Reference clock for grayscale PWM control
IREF
20
27
26
I
Reference current terminal
12, 13,
NC
–
–
No connection
28, 29
OUT0
28
7
4
O
Constant current output
OUT1
1
8
5
O
Constant current output
OUT2
2
9
6
O
Constant current output
OUT3
3
10
7
O
Constant current output
OUT4
4
11
8
O
Constant current output
OUT5
5
12
9
O
Constant current output
OUT6
6
13
10
O
Constant current output
OUT7
7
14
11
O
Constant current output
OUT8
8
15
14
O
Constant current output
OUT9
9
16
15
O
Constant current output
OUT10
10
17
16
O
Constant current output
OUT11
11
18
17
O
Constant current output
OUT12
12
19
18
O
Constant current output
OUT13
13
20
19
O
Constant current output
OUT14
14
21
20
O
Constant current output
OUT15
15
22
21
O
Constant current output
SCLK
25
4
1
I
Serial data shift clock
SIN
26
5
2
I
Serial data input
SOUT
17
24
23
O
Serial data output
VCC
21
28
27
I
Power supply voltage
Multifunction input pin. When VPRG = GND, the device is in GS mode. When VPRG = VCC, the
VPRG
27
6
3
I
device is in DC mode. When VPRG = V(PRG), DC register data can programmed into DC
EEPROM with DCPRG=HIGH.
XERR
16
23
22
O
Error output. XERR is an open-drain terminal. XERR goes L when LOD or TEF is detected.
Data latch. Note that the internal connections are switched by VPRG. At XLAT
↑ (VPRG =
XLAT
24
3
32
I
GND), GS register gets new data. At XLAT
↑ (VPRG = V
CC), DC register gets new data.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com