Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5940PWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940PWPR
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5940PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC5940PWPR Datasheet HTML 8Page - Texas Instruments TLC5940PWPR Datasheet HTML 9Page - Texas Instruments TLC5940PWPR Datasheet HTML 10Page - Texas Instruments TLC5940PWPR Datasheet HTML 11Page - Texas Instruments TLC5940PWPR Datasheet HTML 12Page - Texas Instruments TLC5940PWPR Datasheet HTML 13Page - Texas Instruments TLC5940PWPR Datasheet HTML 14Page - Texas Instruments TLC5940PWPR Datasheet HTML 15Page - Texas Instruments TLC5940PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
TEF: THERMAL ERROR FLAG
LOD: LED OPEN DETECTION
DELAY BETWEEN OUTPUTS
OUTPUT ENABLE
SETTING MAXIMUM CHANNEL CURRENT
Imax +
V
(IREF)
R
(IREF)
31.5
(1)
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
The TLC5940 provides a temperature error flag (TEF) circuit to indicate an overtemperature condition of the IC. If
the junction temperature exceeds the threshold temperature (160
°C typical), the TEF circuit trips and pulls XERR
to ground. TEF status can also be read out from the TLC5940 status register.
The TLC5940 provides an LED open-detection circuit (LOD). This circuit reports an error if any one of the 16
LEDs is open or disconnected from the circuit. The LOD circuit trips when the following two conditions are met
simultaneously:
1. BLANK is set to LOW
2. When the voltage at OUTn is less than V(LED) of 0.3 V (typical) (Note: the voltage at each OUTn is sampled
1
µs after being turned on).
The LOD circuit also pulls XERR to GND when tripped. The LOD status of each channel can also be read out
from the TLC5940 status information data (SID) in GS data input cycle.
The TLC5940 has graduated delay circuits between outputs. These circuits can be found in the constant current
driver block of the device (see the functional block diagram). The fixed-delay time is 20 ns (typical), OUT0 has no
delay, OUT1 has 20 ns delay, and OUT2 has 40 ns delay, etc. The maximum delay is 300 ns from OUT0 to
OUT15. The delay works during switch on and switch off of each output channel. These delays prevent large
inrush currents which reduces the bypass capacitors when the outputs turn on.
All OUTn channels of TLC5940 can switched off with one signal. When BLANK is set to high, all OUTn are
disabled, regardless of logic operations of the device. The grayscale counter is also reset. When BLANK is set to
low, all OUTn work under normal conditions.
Table 2. BLANK Signal Truth Table
BLANK
OUT0 - OUT15
LOW
Normal condition
HIGH
Disabled
The maximum output current per channel is programmed by a single resistor, R(IREF), which is placed between
IREF pin and GND pin. The voltage on IREF is set by an internal band gap V(IREF) with a typical value of
1.24 V. The maximum channel current is equivalent to the current flowing through R(IREF) multiplied by a factor of
31.5. The maximum output current can be calculated by Equation 1:
where:
V(IREF) = 1.24 V
R(IREF) = User selected external resistor.
Figure 3 shows the maximum output current IO versus R(IREF). R(IREF) is the value of the resistor between IREF
terminal to GND, and IO is the constant output current of OUT0 to OUT15.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com