Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5940PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940PWPR
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5940PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5940PWPR Datasheet HTML 1Page - Texas Instruments TLC5940PWPR Datasheet HTML 2Page - Texas Instruments TLC5940PWPR Datasheet HTML 3Page - Texas Instruments TLC5940PWPR Datasheet HTML 4Page - Texas Instruments TLC5940PWPR Datasheet HTML 5Page - Texas Instruments TLC5940PWPR Datasheet HTML 6Page - Texas Instruments TLC5940PWPR Datasheet HTML 7Page - Texas Instruments TLC5940PWPR Datasheet HTML 8Page - Texas Instruments TLC5940PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PWP
RHB
NT
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Delay
x0
12−Bit Grayscale
PWM Control
DC Register
GS Register
DC EEPROM
Constant Current
Driver
LED Open Detection
Temperature
Error Flag
(TEF)
Max. OUTn
Current
Delay
x1
12−Bit Grayscale
PWM Control
DC Register
GS Register
DC EEPROM
Constant Current
Driver
LED Open Detection
Delay
x15
6−Bit Dot
12−Bit Grayscale
PWM Control
DC Register
GS Register
DC EEPROM
Constant Current
Driver
LED Open Detection
OUT0
OUT1
OUT15
SOUT
SIN
SCLK
IREF
XERR
XLAT
GSCLK
BLANK
DCPRG
DCPRG
DCPRG
VPRG
VPRG
VPRG
GND
VCC
VPRG
Input
Shift
Register
Input
Shift
Register
VPRG
11
0
23
12
191
180
95
90
11
6
5
VPRG
0
0
95
96
191
LED Open
Detection
(LOD)
5
95
90
6
11
DCPRG
0
192
96
0
1
0
1
0
1
0
1
GS Counter
CNT
CNT
CNT
CNT
96
96
Status
Information:
LOD,
TED,
DC DATA
192
0
191
1
0
0
1
VREF =1.24 V
Correction
6−Bit Dot
Correction
6−Bit Dot
Correction
0
1
Blank
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
•
Monocolor, Multicolor, Fullcolor LED Displays
•
16 Channels
•
LED Signboards
•
12 bit (4096 Steps) Grayscale PWM Control
•
Display Backlighting
•
Dot Correction
•
General, High-Current LED Drive
– 6 bit (64 Steps)
– Storable in Integrated EEPROM
•
Drive Capability (Constant Current Sink)
The TLC5940 is a 16-channel constant-current sink
– 0 mA to 60 mA (VCC < 3.6 V)
LED driver. Each channel has an individually adjust-
– 0 mA to 120 mA (VCC > 3.6 V)
able 4096-step grayscale PWM brightness control
and a 64-step constant-current sink (dot correction).
•
LED Power Supply Voltage up to 17 V
The dot correction adjusts the brightness variations
•
VCC = 3 V to 5.5 V
between LED channels and other LED drivers. The
•
Serial Data Interface, SPI comp.
dot correction data is stored in an integrated
EEPROM. Both grayscale control and dot correction
•
Controlled In-Rush Current
are accessible via a serial interface. A single external
•
30-MHz Data Transfer Rate
resistor sets the maximum current value of all 16
•
CMOS Level I/O
channels.
•
Error Information
The TLC5940 features two error information circuits.
– LOD: LED Open Detection
The LED open detection (LOD) indicates a broken or
disconnected LED at an output terminal. The thermal
– TEF: Thermal Error Flag
error flag (TEF) indicates an overtemperature con-
dition.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5940PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5940PWPR TI1-TLC5940PWPR Datasheet
1Mb / 38P
16-Channel LED Driver
TLC5940PWPRG4 TI1-TLC5940PWPRG4 Datasheet
1Mb / 38P
16-Channel LED Driver
More results

Similar Description - TLC5940PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com