Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5940PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940PWPR
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5940PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5940PWPR Datasheet HTML 4Page - Texas Instruments TLC5940PWPR Datasheet HTML 5Page - Texas Instruments TLC5940PWPR Datasheet HTML 6Page - Texas Instruments TLC5940PWPR Datasheet HTML 7Page - Texas Instruments TLC5940PWPR Datasheet HTML 8Page - Texas Instruments TLC5940PWPR Datasheet HTML 9Page - Texas Instruments TLC5940PWPR Datasheet HTML 10Page - Texas Instruments TLC5940PWPR Datasheet HTML 11Page - Texas Instruments TLC5940PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
PIN EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
VCC
INPUT
GND
400 W
INPUT EQUIVALENT CIRCUIT
(BLANK, XLAT, SCLK, SIN, GSCLK, DCPRG)
23 W
23 W
SOUT
GND
OUTPUT EQUIVALENT CIRCUIT (SOUT)
_
+
Amp
400 W
100 W
VCC
INPUT
GND
INPUT EQUIVALENT CIRCUIT (IREF)
XERR
GND
OUTPUT EQUIVALENT CIRCUIT (XERR)
23 W
INPUT
INPUT
GND
GND
INPUT EQUIVALENT CIRCUIT (VCC)
INPUT EQUIVALENT CIRCUIT (VPRG)
OUT
GND
OUTPUT EQUIVALENT CIRCUIT (OUT)
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
Resistor values are equivalent resistances, and they are not tested.
Figure 1. Input and Output Equivalent Circuits
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com