Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SIBA-R7 Datasheet(PDF) 65 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 65 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 69Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 400 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_CONSTLAT
Enable constant latency mode.
Trigger
1
Trigger task
5.3.1.1.2 TASKS_LOWPWR
Address offset: 0x7C
Enable low power mode (variable latency)
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_LOWPWR
Enable low power mode (variable latency)
Trigger
1
Trigger task
5.3.1.1.3 SUBSCRIBE_CONSTLAT
Address offset: 0xF8
Subscribe configuration for task CONSTLAT
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that task CONSTLAT will subscribe to
B
RW
EN
Disabled
0
Disable subscription
Enabled
1
Enable subscription
5.3.1.1.4 SUBSCRIBE_LOWPWR
Address offset: 0xFC
Subscribe configuration for task LOWPWR
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that task LOWPWR will subscribe to
B
RW
EN
Disabled
0
Disable subscription
Enabled
1
Enable subscription
5.3.1.1.5 EVENTS_POFWARN
Address offset: 0x108
Power failure warning
4418_1315 v2.0
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com