Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SIBA-R7 Datasheet(PDF) 82 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R7 Datasheet(HTML) 82 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF9160-SIBA-R7 Datasheet HTML 86Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 400 page
background image
Peripherals
Algorithm family
Identification code
Document title
NIST SP 800-90B
Recommendation for the Entropy Sources Used for Random Bit Generation
AIS-31
A proposal for: Functionality classes and evaluation methodology for physical random number generators
TRNG
FIPS 140-2
Security Requirements for Cryptographic Modules
PRNG
NIST SP 800-90A
Recommendation for Random Number Generation Using Deterministic Random Bit Generators
Stream cipher
Chacha
ChaCha, a variant of Salsa20, Daniel J. Bernstein, January 28th 2008
MAC
Poly1305
The Poly1305-AES message-authentication code, Daniel J. Bernstein
Cryptography in NaCl, Daniel J. Bernstein
Key agreement
SRP
The Secure Remote Password Protocol, Thomas Wu, November 11th 1997
FIPS-197
Advanced Encryption Standard (AES)
NIST SP 800-38A
Recommendation for Block Cipher Modes of Operation - Methods and Techniques
NIST SP 800-38B
Recommendation for Block Cipher Modes of Operation: The CMAC Mode for Authentication
NIST SP 800-38C
Recommendation for Block Cipher Modes of Operation: The CCM Mode for Authentication and
Confidentiality
ISO/IEC 9797-1
AES CBC-MAC per ISO/IEC 9797-1 MAC algorithm 1
AES
IEEE 802.15.4-2011
IEEE Standard for Local and metropolitan area networks - Part 15.4: Low-Rate Wireless Personal Area
Networks (LR-WPANs), Annex B.4: Specification of generic CCM* mode of operation
FIPS 180-3
Secure Hash Standard (SHA1, SHA-224, SHA-256)
Hash
RFC2104
HMAC: Keyed-Hashing for Message Authentication
RSA
PKCS#1
Public-Key Cryptography Standards (PKCS) #1: RSA Cryptography Specifications v1.5/2.1
ANSI X9.42
Public Key Cryptography for the Financial Services Industry: Agreement of Symmetric Keys Using Discrete
Logarithm Cryptography
Diffie-Hellman
PKCS#3
Diffie-Hellman Key-Agreement Standard
ANSI X9.63
Public Key Cryptography for the Financial Services Industry - Key Agreement and Key Transport Using
Elliptic Curve Cryptography
IEEE 1363
Standard Specifications for Public-Key Cryptography
ANSI X9.62
Public Key Cryptography For The Financial Services Industry: The Elliptic Curve Digital Signature Algorithm
(ECDSA)
Ed25519
Edwards-curve, Ed25519: high-speed high-security signatures, Daniel J. Bernstein, Niels Duif, Tanja Lange,
Peter Schwabe, and Bo-Yin Yang
Curve25519
Montgomery curve, Curve25519: new Diffie-Hellman speed records, Daniel J. Bernstein
FIPS 186-4
Digital Signature Standard (DSS)
SEC 2
Recommended Elliptic Curve Domain Parameters, Certicom Research
ECC
NIST SP 800-56A rev. 2
Recommendation for Pair-Wise Key Establishment Schemes Using Discrete Logarithm Cryptography
Table 28: CRYPTOCELL cryptography standards
6.1.7 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50840000
CRYPTOCELL CRYPTOCELL S
NSA
CryptoCell sub-system control
interface
Table 29: Instances
Register
Offset
Security Description
ENABLE
0x500
Enable CRYPTOCELL subsystem
Table 30: Register overview
6.1.7.1 ENABLE
Address offset: 0x500
4418_1315 v2.0
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com